Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5207-2 Datasheet (PDF) - ON Semiconductor

CS5207-2 Datasheet PDF - ON Semiconductor
Part # CS5207-2
Download  CS5207-2 Download
File Size   179.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7.0 A, 1.5 V Fixed Linear Regulator

CS5207-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5207-2 Datasheet PDF - ON Semiconductor

Part # CS5207-2
Download  CS5207-2 Click to download

File Size   179.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7.0 A, 1.5 V Fixed Linear Regulator

CS5207-2 Datasheet (HTML) - ON Semiconductor


CS5207-2 Product details

7.0 A, 1.5 V Fixed Linear Regulator

The CS5207−2 provides 7.0 A at 1.5 V with an accuracy of ±2.0 %. The regulator is intended for use as an active termination for the GTL bus on Intel based motherboards. The fast loop response and low dropout voltage make these regulators ideal for applications where low voltage operation and good transient response are important.

Features
• Output Current to 7.0 A
• Output Voltage Trimmed to ±2.0%
• Dropout Voltage 1.45 V @ 7.0 A
• Fast Transient Response
• Fault Protection Circuitry
    − Thermal Shutdown
    − Overcurrent Protection
    − Safe Area Protection




Similar Part No. - CS5207-2

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207-2 CHERRY-CS5207-2 Datasheet
128Kb / 5P
7A, 1.5V Fixed Linear Regulator
Rev. 6/12/98
CS5207-2GT3 CHERRY-CS5207-2GT3 Datasheet
128Kb / 5P
7A, 1.5V Fixed Linear Regulator
Rev. 6/12/98
More results


Similar Description - CS5207-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com