Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5207-1 Datasheet (PDF) - ON Semiconductor

CS5207-1 Datasheet PDF - ON Semiconductor
Part # CS5207-1
Download  CS5207-1 Download
File Size   203.28 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7.0 A Adjustable Linear Regulator

CS5207-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5207-1 Datasheet PDF - ON Semiconductor

Part # CS5207-1
Download  CS5207-1 Click to download

File Size   203.28 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7.0 A Adjustable Linear Regulator

CS5207-1 Datasheet (HTML) - ON Semiconductor


CS5207-1 Product details

The CS5207–1 linear regulator provides 7.0 A adjustable voltages with an accuracy of ±1.5 %. Two external resistors are used to set the output voltage within a 1.25 V to 13 V range. The regulator is intended for use as post regulator and microprocessor supply. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage operation and good transient response are important. The circuit is designed to operate with dropout voltages as low as 1.0 V depending on the output current. The maximum quiescent current is only 10 mA at full load.

The regulator is fully protected against overload conditions with protection circuitry for Safe Operating Area (SOA), overcurrent and thermal shutdown. The regulator is available in TO–220 package. A 3.3 V, fixed version is also available. Please consult your local sales representative for more information.



Features

• Output Current to 7.0 A

• Output Trimmed to ±1.5%

• Dropout Voltage 1.4 V @ 7.0 A

• Fast Transient Response

• Fault Protection Circuitry

– Thermal Shutdown

– Overcurrent Protection

– Safe Area Protection




Similar Part No. - CS5207-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
7A Adjustable Linear Regulator
Rev. 7/8/97
CS5207-1GT3 CHERRY-CS5207-1GT3 Datasheet
135Kb / 6P
7A Adjustable Linear Regulator
Rev. 7/8/97
More results


Similar Description - CS5207-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
International Rectifier
OM7580SM IRF-OM7580SM Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
logo
ON Semiconductor
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com