Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203-1 Datasheet (PDF) - ON Semiconductor

CS5203-1 Datasheet PDF - ON Semiconductor
Part # CS5203-1
Download  CS5203-1 Download
File Size   248.33 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A Adjustable Linear Regulator

CS5203-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5203-1 Datasheet PDF - ON Semiconductor

Part # CS5203-1
Download  CS5203-1 Click to download

File Size   248.33 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A Adjustable Linear Regulator

CS5203-1 Datasheet (HTML) - ON Semiconductor


CS5203-1 Product details

3.0 A Adjustable Linear Regulator

The CS5203−1 linear regulator provides 3.0 A at adjustable output voltages with an accuracy of ±1.5 %. The device uses two external resistors to set the output voltage within a 1.25 V to 5.5 V range.

Features
• Output Current to 3.0 A
• Output Accuracy to ±1.5% Over Temperature
• Dropout Voltage (typical) 1.2 V @ 3.0 A
• Fast Transient Response
• Fault Protection
    − Current Limit
    − Thermal Shutdown




Similar Part No. - CS5203-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
CS5203-1GDP3 CHERRY-CS5203-1GDP3 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
CS5203-1GDPR3 CHERRY-CS5203-1GDPR3 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
CS5203-1GT3 CHERRY-CS5203-1GT3 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
More results


Similar Description - CS5203-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ON Semiconductor
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com