Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205A-1 Datasheet (PDF) - ON Semiconductor

CS5205A-1 Datasheet PDF - ON Semiconductor
Part # CS5205A-1
Download  CS5205A-1 Download
File Size   219.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 A Adjustable Linear Regulator

CS5205A-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5205A-1 Datasheet PDF - ON Semiconductor

Part # CS5205A-1
Download  CS5205A-1 Click to download

File Size   219.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 A Adjustable Linear Regulator

CS5205A-1 Datasheet (HTML) - ON Semiconductor


CS5205A-1 Product details

The CS5205A−1 linear regulator provides 5.0 A at an adjustable voltage with an accuracy of ±1%. Two external resistors are used to set the output voltage within a 1.25 V to 13 V range.

Features
• Output Current to 5.0 A
• Output Trimmed to ±1%
• Dropout Voltage 1.15 V @ 5.0 A
• Fast Transient Response
• Fault Protection Circuitry
    − Thermal Shutdown
    − Overcurrent Protection
    − Safe Area Protection




Similar Part No. - CS5205A-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5205A-1 CHERRY-CS5205A-1 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
CS5205A-1GDP3 CHERRY-CS5205A-1GDP3 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
CS5205A-1GDPR3 CHERRY-CS5205A-1GDPR3 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
CS5205A-1GT3 CHERRY-CS5205A-1GT3 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
More results


Similar Description - CS5205A-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
2A ADJUSTABLE LINEAR REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com