Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5207-2 Datasheet (PDF) - Cherry Semiconductor Corporation

CS5207-2 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS5207-2
Download  CS5207-2 Download
File Size   128.66 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 7A, 1.5V Fixed Linear Regulator

CS5207-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5207-2 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS5207-2
Download  CS5207-2 Click to download

File Size   128.66 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 7A, 1.5V Fixed Linear Regulator

CS5207-2 Datasheet (HTML) - Cherry Semiconductor Corporation


CS5207-2 Product details

Description
The CS5207-2 provides 7A at 1.5V with an accuracy of ± 2%.
The regulator is intended for use as an active termination for the GTL bus on Intel based motherboards. The fast loop response and low dropout voltage make these regulators ideal for applications where low voltage operation and good transient response are important.

Features
■ Output Current to 7A
■ Output Voltage Trimmed to ±2%
■ Dropout Voltage 1.45V @ 7A
■ Fast Transient Response
■ Fault Protection Circuitry
    Thermal Shutdown
    Overcurrent Protection
    Safe Area Protection




Similar Part No. - CS5207-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5207-2GT3 ONSEMI-CS5207-2GT3 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
More results


Similar Description - CS5207-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5203-3 CHERRY-CS5203-3 Datasheet
143Kb / 6P
3A, 3.3V Fixed Linear Regulator
Rev. 6/3/98
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
7A Adjustable Linear Regulator
Rev. 7/8/97
CS5207-3 CHERRY-CS5207-3 Datasheet
150Kb / 5P
7A, 3.3V Fixed Linear Regulator
Rev. 10/2/97
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
7A LDO 5-Pin Adjustable Linear Regulator
Rev. 4/5/99
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
Fixed Low Dropout Linear Regulator
logo
Infineon Technologies A...
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com