Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5207-2 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5207-2
Description  7A, 1.5V Fixed Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207-2 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5207-2 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Typical Performance Characteristics
Dropout Voltage vs. Output Current
Output Voltage vs. Temperature
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VIN Ð VOUT=3V, VIN ² 10V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 7A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
s Fixed Output Voltage
CS5207-2
VIN Ð VOUT = 1.65V;
1.47
1.50
1.53
V
(Notes 1 and 2)
0² IOU T ² 7A
(-2%)
(+2%)
Line Regulation
1.65V ² VINÐVOUT ² 6V; IOUT = 10mA
0.04
0.20
%
Load Regulation (Notes 1 and 2)
VIN Ð VOUT = 1.65V; 10mA ² IOUT ² 7A
0.08
0.40
%
Dropout Voltage (Note 3)
IOUT = 7A
1.42
1.65
V
Current Limit
VIN Ð VOUT = 3V; TJ ³ 25¡C
7.1
8.5
A
VIN Ð VOUT = 12V
1.0
A
Quiescent Current
VIN ² 9V; IOUT = 10mA
5.0
10.0
mA
Thermal Regulation
30ms pulse; TA = 25¡C
0.003
%/W
Ripple Rejection
f = 120Hz; IOUT = 7A
80
dB
Temperature Stability
0.5
%
RMS Output Noise (%VOUT)
10Hz ² f ² 10kHz
0.003
%VOUT
Thermal Shutdown
150
180
¡C
Thermal Shutdown Hysteresis
25
¡C
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in out-
put voltage due to thermal gradients or temperature changes must be taken into account separately.
Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4Ó from the bottom of the package.
Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load.
01
2
3
4
5
6
Output Current (A)
7
0.85
0.70
0.80
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
TCASE = 0
°C
TCASE = 125
°C
0.75
1.40
1.45
1.50
1.55
TCASE = 25
°C
0
10
130
-0.12
0.10
TJ (°C)
20
30
40
50
60
70
80
90 100 110 120
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
3L TO-220
1
Gnd
Ground connection.
2VOUT
Regulated output voltage (case).
3VIN
Input voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com