Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA532 Datasheet (PDF) - Rohm

BA532 Datasheet PDF - Rohm
Part # BA532
Download  BA532 Download
File Size   114.38 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 13.2V/5.8W Power Amplifier

BA532 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA532 Datasheet PDF - Rohm

Part # BA532
Download  BA532 Click to download

File Size   114.38 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 13.2V/5.8W Power Amplifier

BA532 Datasheet (HTML) - Rohm


BA532 Product details

Features
1. High output capabilty of 58W
(THD + 10%)
2. High gain (5508 at 1kHz)
3. High ripple rejection ratio (typically
4008)
4. Built-in protective ciruitry againstload
shorts, over-voltage, and thermal
runaway
5. Easy-to-assemble 10-pin SIP package
6. Pin-compalible with the BA511A and
BAS21
7. Free of pop noise generation




Similar Part No. - BA532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA533 ETC1-BA533 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
More results


Similar Description - BA532

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
logo
Panasonic Semiconductor
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
Dual 5.8W Audio Power Amplifier Circuit
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
Dual 5.8W Audio Power Amplifier Circuit
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7222AP TOSHIBA-TA7222AP Datasheet
395Kb / 5P
5.8W AUDIO POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
5.8W AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com