Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74032 Datasheet (PDF) - Myrra

74032 Datasheet PDF - Myrra
Part # 74032
Download  74032 Download
File Size   177.04 Kbytes
Page   1 Pages
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra
Description SIZE E25 - 3 or 1 OUTPUTS: 512/12v or 24v - FLYBACK TRANSFORMER

74032 Datasheet (PDF)

Go To PDF Page Download Datasheet
74032 Datasheet PDF - Myrra

Part # 74032
Download  74032 Click to download

File Size   177.04 Kbytes
Page   1 Pages
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra
Description SIZE E25 - 3 or 1 OUTPUTS: 512/12v or 24v - FLYBACK TRANSFORMER

74032 Datasheet (HTML) - Myrra


74032 Product details

Primary / Secondary Insulation ≥ 4000V
Primary / Auxiliary Insulation ≥ 1500V
Creepage distance Primary / Secondary ≥ 6mm
Ambient temperature < 50°C
Construction conforms to IEC950, IEC335, IEC61558 for reinforced insulation
Exclusively uses UL94-V0 listed materials




Similar Part No. - 74032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
7403 PHILIPS-7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
logo
STMicroelectronics
7403 STMICROELECTRONICS-7403 Datasheet
195Kb / 26P
BASIC SIGNAL PROCESSOR
Oct-1998
logo
Fairchild Semiconductor
7403 FAIRCHILD-7403 Datasheet
35Kb / 3P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Myrra
74030 MYRRA-74030 Datasheet
102Kb / 1P
FLYBACK TRANSFORMERS
74030 MYRRA-74030 Datasheet
132Kb / 1P
FLYBACK TRANSFORMER
More results


Similar Description - 74032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
845HN ETC-845HN Datasheet
282Kb / 3P
Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Allegro MicroSystems
STR-A6131 ALLEGRO-STR-A6131 Datasheet
221Kb / 7P
120 V/12 or 16 W Flyback Switching Regulators
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
2:1 or 4:1 Wide input, Triple Outputs
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F_12 Datasheet
210Kb / 10P
Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
SJT or Equivalent, 12/3 Wire
1584C6S20 HAMMOND-1584C6S20 Datasheet
222Kb / 1P
SJT or Equivalent, 12/3 Wire
logo
Maxim Integrated Produc...
MAXREFDES112 MAXIM-MAXREFDES112 Datasheet
682Kb / 15P
ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
9/6/2016
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com