Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7088 Datasheet (PDF) - List of Unclassifed Manufacturers

D7088 Datasheet PDF - List of Unclassifed Manufacturers
Part # D7088
Download  D7088 Download
File Size   167.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FM receiver circuit for battery supply

D7088 Datasheet (PDF)

Go To PDF Page Download Datasheet
D7088 Datasheet PDF - List of Unclassifed Manufacturers

Part # D7088
Download  D7088 Click to download

File Size   167.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FM receiver circuit for battery supply

D7088 Datasheet (HTML) - List of Unclassifed Manufacturers


D7088 Product details

GENERAL DESCRIPTION
The D7088 is a bipolar integrated circuit
for use in mono portable and pocket radios.
It is used when a minimum of peripheral
components (of small dimensions and low
costs) is important. The circuit contains a
frequency-locked-loop (FLL) system with
an Intermediate Frequency (IF) of about
70kHz. Selectivity is achieved by active
RC-filters. De-tuning related to the IF and too weak input signals is suppressed by the
mute circuit.

FEATURES
Equipped with all stages of a mono receiver from antenna to audio output
Mute circuit
Search tuning with a single varicap diode
Mechanical tuning with Integrating AFC
AM application supported
Power supply polarity protection
Power supply voltage down to 1.8V.
Package: SOP16
Mechanical tuning; this is possible with or without integrating AFC circuit
Electrical tuning; this is realized by one directional (band-up) search tuning
facility, including RESET to the lower-band limit.

APPLICATIONS
Mechanical tuning; this is possible with or without integrating AFC circuit.
Electrical tuning; this is realized by one directional (band-up) search tuning
facility, including RESET to the lower-band limit.




Similar Part No. - D7088

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70 FREQUENCYDEVICES-D70 Datasheet
677Kb / 14P
100 Hz to 50 kHz Fixed Frequency
logo
Glamox
D70000017 GLAMOX-D70000017 Datasheet
96Kb / 2P
D70-S/P G2 MNT CP2,53X0,75 WH
D70000018 GLAMOX-D70000018 Datasheet
96Kb / 2P
D70-S/P G2 MNT CP5,03X0,75 WH
D70000019 GLAMOX-D70000019 Datasheet
90Kb / 2P
D70-S/P G2 MNT C5.03X0.75 WH
D70000020 GLAMOX-D70000020 Datasheet
90Kb / 2P
D70-S/P G2 MNT C5.05X0.75 WH
More results


Similar Description - D7088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
Integrated Circuit IF System for FM Receiver
logo
NXP Semiconductors
TDA7088T PHILIPS-TDA7088T Datasheet
159Kb / 16P
FM receiver circuit for battery supply
1996 May 14
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Unisonic Technologies
UTCTDA7088 UTC-UTCTDA7088 Datasheet
435Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
SA1088 SILAN-SA1088 Datasheet
377Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
Narrow Band FM Receiver Circuit
logo
Wuxi Youda electronics ...
YD9088 YOUDA-YD9088 Datasheet
77Kb / 4P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com