Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA7088 Datasheet (PDF) - Unisonic Technologies

UTCTDA7088 Datasheet PDF - Unisonic Technologies
Part # UTCTDA7088
Download  UTCTDA7088 Download
File Size   435.95 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description FM RECEIVER CIRCUIT FOR BATTERY SUPPLY

UTCTDA7088 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCTDA7088 Datasheet PDF - Unisonic Technologies

Part # UTCTDA7088
Download  UTCTDA7088 Click to download

File Size   435.95 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description FM RECEIVER CIRCUIT FOR BATTERY SUPPLY

UTCTDA7088 Datasheet (HTML) - Unisonic Technologies


UTCTDA7088 Product details

DESCRIPTION
The UTC TDA7088 is a bipolar integrated circuit for use in mono portable and pocket radios. It is used when a minimum of peripheral components (of small dimensions and low costs) is important. The circuit contains a frequency-lockedloop(FLL) system with an Intermediate Frequency (IF) of about 70kHz. Selectivity is achieved by active RC-filters. Detuning related to the IF and too weak input signals is suppressed by the mute circuit.

FEATURES
* Equipped with all stages of a mono receiver from antenna to audio output.
* Mute circuit
* Search tuning with a single varicap diode
* Mechanical tuning with integrating AFC
* AM application supported
* Power supply polarity protection
* Power supply voltage down to 1.8V

APPLICATIONS
* Mechanical tuning ; this is possible with or without integrating AFC circuit
* Electrical tuning; this is realized by one directional (band-up) search tuning facility, including RESET to the lower-band limit.




Similar Part No. - UTCTDA7088

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
More results


Similar Description - UTCTDA7088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
Integrated Circuit IF System for FM Receiver
logo
NXP Semiconductors
TDA7088T PHILIPS-TDA7088T Datasheet
159Kb / 16P
FM receiver circuit for battery supply
1996 May 14
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
SA1088 SILAN-SA1088 Datasheet
377Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
Narrow Band FM Receiver Circuit
logo
Wuxi Youda electronics ...
YD9088 YOUDA-YD9088 Datasheet
77Kb / 4P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
List of Unclassifed Man...
D7088 ETC-D7088 Datasheet
167Kb / 8P
FM receiver circuit for battery supply
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com