Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA7088 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTDA7088
Description  FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA7088 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTDA7088 Datasheet HTML 1Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 2Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 3Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 4Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 5Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 6Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTCTDA7088
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-016,A
ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range,VCC=15V,f=1kHz,Unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vp
1.8
3
5
V
Supply Current
Ip
4.2
5.2
6.6
mA
Radio Input Frequency
fiRF
0.5
110
MHz
RF sensitivity input voltage
(RMS value)
Vi(rms)
VOAF=-3dB, VOAF=0dB at
Vi=1mV, mute off
3
6
µV
Signal handling
∆f=+-75kHz,THD<10%
100
200
mV
Audio Output Signal (RMS value)
Vo(rms)
RL=22k
Ω
60
85
120
mV
Operating Ambient Temperature
Tamb
-10
70
°C
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com