Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA7088 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTDA7088
Description  FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA7088 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTDA7088 Datasheet HTML 1Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 2Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 3Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 4Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 5Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 6Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCTDA7088
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-016,A
FM RECEIVER CIRCUIT FOR
BATTERY SUPPLY
DESCRIPTION
The UTC TDA7088 is a bipolar integrated circuit for use in
mono portable and pocket radios. It is used when a minimum
of peripheral components (of small dimensions and low costs)
is
important.
The
circuit
contains
a
frequency-locked-
loop(FLL) system with an Intermediate Frequency (IF) of
about 70kHz. Selectivity is achieved by active RC-filters. De-
tuning related to the IF and too weak input signals is
suppressed by the mute circuit.
FEATURES
*Equipped with all stages of a mono receiver from antenna to
audio output.
*Mute circuit
*Search tuning with a single varicap diode
*Mechanical tuning with integrating AFC
*AM application supported
*Power supply polarity protection
*Power supply voltage down to 1.8V
SOP-16
APPLICATIONS
*Mechanical tuning ; this is possible with or
without integrating AFC circuit
*Electrical tuning; this is realized by one
directional (band-up) search tuning facility,
including RESET to the lower-band limit.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
MIN
MAX
UNIT
Supply Voltage
Vp
0
5
V
Storage Temperature
Tstg
-55
+150
°C
Operating ambient temperature
Tamb
-10
70
°C
Electrostatic handling; note 1
Ves
Note 1: There is no special ESD protection circuit built-in; ESD data on request.


Similar Part No. - UTCTDA7088

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
More results

Similar Description - UTCTDA7088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
Integrated Circuit IF System for FM Receiver
logo
NXP Semiconductors
TDA7088T PHILIPS-TDA7088T Datasheet
159Kb / 16P
FM receiver circuit for battery supply
1996 May 14
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
SA1088 SILAN-SA1088 Datasheet
377Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
Narrow Band FM Receiver Circuit
logo
Wuxi Youda electronics ...
YD9088 YOUDA-YD9088 Datasheet
77Kb / 4P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
List of Unclassifed Man...
D7088 ETC-D7088 Datasheet
167Kb / 8P
FM receiver circuit for battery supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com