Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2726 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP2726 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP2726
Download  IP2726 Download
File Size   837.32 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2

IP2726 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2726 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP2726
Download  IP2726 Click to download

File Size   837.32 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2

IP2726 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP2726 Product details

1. Features
 Fast charging specifications
 Integrated QC 4/QC4+ output fast charging protocol
- Qualcomm Certificate &GRL Test Report Number:
QC2019041666
- Compatible with QC 2.0/QC3.0
-Supports Class B voltage level
Integrated FCP output fast charging protocol
Integrated SCP output fast charging protocol
Integrated AFC output fast charging protocol
Integrated MTK PE+ 1.1&2.0 output fast charging protocol
- PE+ 2.0 5V~20V 0.5V/Step) configuration
- PE+ 1.1 5V 7V 9V 12V configuration
 Integrated USB CD FP protocol, supports output fast charging
 Compatible with BC1.2, Apple and Samsung mobile phone fast charging
 Integrated USB Power Delivery PD2.0/PD3.0) protocol
Integrated TYPE C DFP protocol
 Automatically detect the insertion and removal of TYPE C devices
Integrate standard PD2.0/PD3.0/PPS protocol
 Integrated recognition and support for E MARK cables
▶ Automatically detect the fast charge request corresponding to the voltage on the DP DM, and pass
Over-regulation FB accurately controls output voltage
 Power management
 Integrated ADC detects external expansion N MOS path current
 Built-in power path management
 Built-in automatic control bleeder circuit function
Supports automatic entry into standby low power consumption mode
 Multiple protections and high reliability
 Output over-current, over-voltage and short-circuit protection
NTC over temperature protection
 DP, DM, CC1, CC2 overvoltage protection
 DP, DM weak short circuit protection to ground
 DP/DM/CC1/CC2 all support 20V high withstand voltage
 Flexible customization, support online upgrade
 Wide operating voltage range: 3 V~ 3 0 V
 Package QFN24

2. Introduction
IP2726
It is a device that integrates multiple protocols and is used for USB output.
Fast charging protocol IC for the port. Supports multiple fast charging protocols, including USB
TypeC DFP PD2.0/PD3.0/PPS, HVDCP
QC4/QC4+/ QC3.0/QC2.0 Quick Charge FCP
Hisilicon® Fast Charge Protocol SCP Super Fast
Charge AFC Samsung® Adaptive Fast Charge
MTK PE+ 2.0/1.1 MediaTek Pump Express Plus
2.0/1.1 Apple 2.4A BC1.2 and Samsung 2.0A. for appropriate
Provides a complete TYPE C solution for one-way output applications such as adapters and car chargers
plan.
IP2726
With high integration and rich functions, only
Requires very few peripheral components, effectively reducing the size of the overall solution and reducing
Low BOM cost.
3. Application
 Suitable for one-way fast charging output applications
 AC power adapter
 Car charger
 System application with PD output function




Similar Part No. - IP2726

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2721 INJOINIC-IP2721 Datasheet
673Kb / 7P
TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
2017
IP2723 INJOINIC-IP2723 Datasheet
673Kb / 7P
TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
2017
More results


Similar Description - IP2726

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5034 MPS-MP5034 Datasheet
1Mb / 15P
USB Charging Port Controller Integrating QC 3.0 Protocol
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
SHOUDING Shouding Semic...
SFT430C SHOUDING-SFT430C Datasheet
1Mb / 6P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
NXP Semiconductors
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
logo
Injoinic Technology Co....
IP2721 INJOINIC-IP2721 Datasheet
673Kb / 7P
TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com