Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2721 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP2721 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP2721
Download  IP2721 Download
File Size   673.67 Kbytes
Page   7 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces

IP2721 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2721 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP2721
Download  IP2721 Click to download

File Size   673.67 Kbytes
Page   7 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces

IP2721 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP2721 Product details

1. Features
 Support TYPEC/PD2.0/PD3.0 UFP mode for USB
TYPEC input port
 Auto-detect USB connection condition
 Integrate USB Power Delivery (PD2.0/PD3.0)
protocol
 Integrate hardware bi-phase Mark Coding
(BMC) over CC
 Integrate physical layer
 Hardware CRC protect data integrity
 Integrate PD2.0/PD3.0 protocol UFP engine
 Support hardreset
 Integrate USB TYPEC protocol
 Power management
 VBUSG control the power rail by the external
NMOS, depending on CC negotiation state
 IP2721: SEL configure the maximum PD
request voltage as 20V, 15V or 5V
 IP2721_MAX12: SEL configure the maximum
PD request voltage as 12V, 9V or 5V
 Support VBUS soft start

2. Description
IP2721 is a USB TYPEC/PC2.0/PD3.0 physical
layer protocol IC for USB TYPEC input port, support
auto-detect USB port connection through CC1 and
CC2. Integrate hardware PD protocol, analyze PD
protocol to get source capabilities and request
appropriate voltage accordingly.

3. Typical Applications
 USB TYPEC input port for Power Banka, cell
phone, wireless charging dock, VR box and UAV
etc.




Similar Part No. - IP2721

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2726 INJOINIC-IP2726 Datasheet
837Kb / 11P
integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2
V1.1 2019
More results


Similar Description - IP2721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2004 TI-TNETE2004 Datasheet
723Kb / 46P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
ATMEL Corporation
AT78C5081 ATMEL-AT78C5081 Datasheet
129Kb / 3P
Serial ATA Physical Layer
logo
Texas Instruments
TNETE2008 TI1-TNETE2008 Datasheet
489Kb / 33P
OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2004 TI1-TNETE2004_09 Datasheet
752Kb / 47P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
logo
Power Integrations, Inc...
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
logo
Injoinic Technology Co....
IP2726 INJOINIC-IP2726 Datasheet
837Kb / 11P
integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2
V1.1 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com