Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHY100 Datasheet (PDF) - Power Integrations, Inc.

CHY100 Datasheet PDF - Power Integrations, Inc.
Part # CHY100
Download  CHY100 Download
File Size   691.03 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Charger Interface Physical Layer IC

CHY100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHY100 Datasheet PDF - Power Integrations, Inc.

Part # CHY100
Download  CHY100 Click to download

File Size   691.03 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Charger Interface Physical Layer IC

CHY100 Datasheet (HTML) - Power Integrations, Inc.


CHY100 Product details

Product Highlights
• Fully supports Quick Charge 2.0 specification
• Class A: 5 V, 9 V, and 12 V output voltage
• Class B: 5 V, 9 V, 12 V, and 20 V output voltage
• USB battery charging specification revision 1.2 compatible
• Automatic USB DCP shorting D+ to D- line
• Default 5 V mode operation
• Supports TOPSwitch and TinySwitch
• Very low power consumption
• Below 1 mW at 5 V output
• Fail safe operation
• Adjacent pin-to-pin short-circuit fault
• Open circuit pin fault
Typical Applications
• Battery chargers for smart phones, tablets, netbooks, digital
cameras, and bluetooth accessories
• USB power output ports
Description
CHY100 is a low-cost USB high-voltage dedicated charging port
(HVDCP) interface IC for the Quick Charge 2.0 specification. It
incorporates all necessary functions to add Quick Charge 2.0 capability
to Power Integrations’ switcher ICs such as TOPSwitch or TinySwitch and
other solutions employing traditional feedback schemes.
CHY100 supports the full output voltage range of either Class A or
Class B. Optionally Class B can be inhibited for protecting the battery
charger from accidental damage.
CHY100 automatically detects whether a connected Powered Device
(PD) is Quick Charge 2.0 capable before enabling output voltage
adjustment. If a PD not compliant to Quick Charge 2.0 is detected the
CHY100 disables output voltage adjustment to ensure safe operation
with legacy 5 V only USB PDs.




Similar Part No. - CHY100

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
CHY101D POWERINT-CHY101D Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
More results


Similar Description - CHY100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
3-port physical layer interface
1999 Apr 09
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
3-port physical layer interface
1999 Jul 09
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
1-port 400 Mbps physical layer interface
2002 Oct 11
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
TI380C30 TI1-TI380C30 Datasheet
1Mb / 78P
INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
logo
Power Integrations, Inc...
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com