Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHY101D Datasheet (PDF) - Power Integrations, Inc.

CHY101D Datasheet PDF - Power Integrations, Inc.
Part # CHY101D
Download  CHY101D Download
File Size   688.87 Kbytes
Page   10 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Charger Interface Physical Layer IC with Output Overvoltage Protection

CHY101D Datasheet (PDF)

Go To PDF Page Download Datasheet
CHY101D Datasheet PDF - Power Integrations, Inc.

Part # CHY101D
Download  CHY101D Click to download

File Size   688.87 Kbytes
Page   10 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Charger Interface Physical Layer IC with Output Overvoltage Protection

CHY101D Datasheet (HTML) - Power Integrations, Inc.


CHY101D Product details

Product Highlights
• Supports Quick Charge 2.0 Class A specification
• 5 V, 9 V, and 12 V output voltage
• USB battery charging specification revision 1.2 compatible
• Automatic USB DCP shorting D+ to D- line
• Default 5 V mode operation
• Adaptive output overvoltage protection (OVP)
• Protection triggered at 120% of set output voltage
• Latching or hysteretic shutdown mode
• Supports TOPSwitch, TinySwitch and InnoSwitch
• Very low power consumption
• Below 1 mW at 5 V output
• Fail safe operation
• Adjacent pin-to-pin short-circuit fault protection
• Open circuit pin fault protection
Typical Applications
• Battery chargers for smart phones, tablets, netbooks, digital
cameras, and bluetooth accessories
• USB power output ports
Description
CHY101 is a low-cost USB high-voltage dedicated charging port
(HVDCP) interface IC for the Quick Charge 2.0 specification.
It incorporates all necessary functions to add Quick Charge 2.0
capability to Power Integrations’ switcher ICs such as TOPSwitch or
TinySwitch and other solutions employing traditional feedback
schemes.
CHY101 supports the full output voltage range of Class A (5 V, 9 V,
and 12 V). CHY101 continuously monitors the output voltage and
triggers OVP if the actual value exceeds 120% of the set value.
CHY101 automatically detects whether a connected Powered Device
(PD) is Quick Charge 2.0 capable before enabling output voltage
adjustment. If a PD not compliant to Quick Charge 2.0 is detected
the CHY101 disables output voltage adjustment to ensure safe
operation with legacy 5 V only USB PDs.




Similar Part No. - CHY101D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY100D POWERINT-CHY100D Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
More results


Similar Description - CHY101D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
3-port physical layer interface
1999 Apr 09
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
3-port physical layer interface
1999 Jul 09
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24380 TI1-BQ24380_15 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
logo
Power Integrations, Inc...
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com