Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI1394P21 Datasheet (PDF) - NXP Semiconductors

PDI1394P21 Datasheet PDF - NXP Semiconductors
Part # PDI1394P21
Download  PDI1394P21 Download
File Size   148.36 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-port physical layer interface

PDI1394P21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDI1394P21 Datasheet PDF - NXP Semiconductors

Part # PDI1394P21
Download  PDI1394P21 Click to download

File Size   148.36 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-port physical layer interface

PDI1394P21 Datasheet (HTML) - NXP Semiconductors


PDI1394P21 Product details

DESCRIPTION
The PDI1394P21 provides the digital and analog transceiver functions needed to implement a three port node in a cable-based IEEE 1394–1995 and/or 1394a network. Each cable port incorporates two differential line transceivers. The transceivers include circuitry to monitor the line conditions as needed for determining connection status, for initialization and arbitration, and for packet reception and transmission. The PDI1394P21 is designed to interface with a Link Layer Controller (LLC), such as the PDI1394L11 or PDI1394L21.

FEATURES
• Fully supports provisions of IEEE 1394–1995 Standard for high performance serial bus and the P1394a supplement (Version 2.0)1
• Full P1394a support includes:
    – Connection debounce
    – Arbitrated short reset
    – Multispeed concatenation
    – Arbitration acceleration
    – Fly-by concatenation
    – Port disable/suspend/resume
• Provides three 1394a fully-compliant cable ports at 100/200/400 Megabits per second (Mbits/s)
• Fully compliant with Open HCI requirements
• Cable ports monitor line conditions for active connection to remote node.
• Power down features to conserve energy in battery-powered applications include:
    – Automatic device power down during suspend
    – Device power down terminal
    – Link interface disable via LPS
    – Inactive ports powered-down
• Logic performs system initialization and arbitration functions
• Encode and decode functions included for data-strobe bit level encoding
• Incoming data resynchronized to local clock
• Single 3.3 volt supply operation
• Minimum VDD of 2.7 V for end-of-wire power-consuming devices
• While unpowered and connected to the bus, will not drive TPBIAS on a connected port, even if receiving incoming bias voltage on that port
• Supports extended bias-handshake time for enhanced interoperability with camcorders
• Interface to link-layer controller supports low-cost bus-holder isolation and optional Annex J electrical isolation
• Data interface to link-layer controller through 2/4/8 parallel lines at 49.152 MHz
• Low-cost 24.576 MHz crystal provides transmit, receive data at 100/200/400 Mbits/s, and link-layer controller clock at 49.152 MHz
• Does not require external filter capacitors for PLL
• Interoperable with link-layer controllers using 3.3 V and 5 V supplies
• Interoperable with other Physical Layers (PHYs) using 3.3 V and 5 V supplies
• Node power class information signaling for system power management
• Cable power presence monitoring
• Separate cable bias (TPBIAS) for each port
• Register bits give software control of contender bit, power class bits, link active bit, and 1394a features
• Fully interoperable with FireWire implementation of IEEE Std 1394
• Function and pin compatible with the Texas Instruments 400 Mbps Phy TSB41LV03




Similar Part No. - PDI1394P21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
PDI1394P22BD PHILIPS-PDI1394P22BD Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23BD PHILIPS-PDI1394P23BD Datasheet
233Kb / 42P
2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23EC PHILIPS-PDI1394P23EC Datasheet
233Kb / 42P
2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
More results


Similar Description - PDI1394P21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
3-port physical layer interface
1999 Apr 09
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
IEEE1394 3-Port 400Mbps Physical Layer
16-Mar-1998
logo
NXP Semiconductors
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com