Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI1394P21 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 2 Page - NXP Semiconductors

  PDI1394P21 Datasheet HTML 1Page - NXP Semiconductors PDI1394P21 Datasheet HTML 2Page - NXP Semiconductors PDI1394P21 Datasheet HTML 3Page - NXP Semiconductors PDI1394P21 Datasheet HTML 4Page - NXP Semiconductors PDI1394P21 Datasheet HTML 5Page - NXP Semiconductors PDI1394P21 Datasheet HTML 6Page - NXP Semiconductors PDI1394P21 Datasheet HTML 7Page - NXP Semiconductors PDI1394P21 Datasheet HTML 8Page - NXP Semiconductors PDI1394P21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
2
1999 Jul 09
1.0
FEATURES
• Fully supports provisions of IEEE 1394–1995 Standard for high
performance serial bus and the P1394a supplement (Version 2.0)1
• Full P1394a support includes:
– Connection debounce
– Arbitrated short reset
– Multispeed concatenation
– Arbitration acceleration
– Fly-by concatenation
– Port disable/suspend/resume
• Provides three 1394a fully-compliant cable ports at
100/200/400 Megabits per second (Mbits/s)
• Fully compliant with Open HCI requirements
• Cable ports monitor line conditions for active connection to remote
node.
• Power down features to conserve energy in battery-powered
applications include:
– Automatic device power down during suspend
– Device power down terminal
– Link interface disable via LPS
– Inactive ports powered-down
• Logic performs system initialization and arbitration functions
• Encode and decode functions included for data-strobe bit level
encoding
• Incoming data resynchronized to local clock
• Single 3.3 volt supply operation
• Minimum V
DD of 2.7 V for end-of-wire power-consuming devices
• While unpowered and connected to the bus, will not drive TPBIAS
on a connected port, even if receiving incoming bias voltage on
that port
• Supports extended bias-handshake time for enhanced
interoperability with camcorders
• Interface to link-layer controller supports low-cost bus-holder
isolation and optional Annex J electrical isolation
• Data interface to link-layer controller through 2/4/8 parallel lines at
49.152 MHz
• Low-cost 24.576 MHz crystal provides transmit, receive data at
100/200/400 Mbits/s, and link-layer controller clock at 49.152 MHz
• Does not require external filter capacitors for PLL
• Interoperable with link-layer controllers using 3.3 V and 5 V
supplies
• Interoperable with other Physical Layers (PHYs) using 3.3 V and
5 V supplies
• Node power class information signaling for system power
management
• Cable power presence monitoring
• Separate cable bias (TPBIAS) for each port
• Register bits give software control of contender bit, power class
bits, link active bit, and 1394a features
• Fully interoperable with FireWire™ implementation of IEEE Std 1394
• Function and pin compatible with the Texas Instruments 400 Mbps
Phy TSB41LV03
™
2.0
DESCRIPTION
The PDI1394P21 provides the digital and analog transceiver functions
needed to implement a three port node in a cable-based IEEE
1394–1995 and/or 1394a network. Each cable port incorporates two
differential line transceivers. The transceivers include circuitry to
monitor the line conditions as needed for determining connection
status, for initialization and arbitration, and for packet reception and
transmission. The PDI1394P21 is designed to interface with a Link
Layer Controller (LLC), such as the PDI1394L11 or PDI1394L21.
3.0
ORDERING INFORMATION
PACKAGE
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
80-pin plastic LQFP
0
°C to +70°C
PDI1394P21 BE
PDI1394P21 BE
SOT315-1
1.
Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com