Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI1394P21 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PDI1394P21 Datasheet HTML 13Page - NXP Semiconductors PDI1394P21 Datasheet HTML 14Page - NXP Semiconductors PDI1394P21 Datasheet HTML 15Page - NXP Semiconductors PDI1394P21 Datasheet HTML 16Page - NXP Semiconductors PDI1394P21 Datasheet HTML 17Page - NXP Semiconductors PDI1394P21 Datasheet HTML 18Page - NXP Semiconductors PDI1394P21 Datasheet HTML 19Page - NXP Semiconductors PDI1394P21 Datasheet HTML 20Page - NXP Semiconductors PDI1394P21 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
17
17.1
External Component Connections
1
2
3
4
5
6
7
23
24 25
26
27 28
29
LREQ
SYSCLK
DGND
CTL0
CTL1
D0
DVDD
30
31
21 22
8
9
10
11
D1
NC
D3
D2
PDI1394P21
12
13
14
15
16
17
D4
D5
D6
D7
CNA
DGND
18
19
20
PD
LPS
DGND
32
33 34
35
36
60
59
58
57
56
55
54
AGND
TPBIAS2
TPA2+
TPA2–
TPB2+
AVDD
TPB2–
53
52
51
50
TPBIAS1
TPA1+
TPB1+
TPA1–
49
48
47
46
45
44
TPB1–
AVDD
AVDD
TPBIAS0
TPA0–
TPA0+
43
42
41
TPB0+
TPB0–
AGND
37
38
39
40
SV001756
78
77
76
75
74
73
72
71
70
80
79
69
68
67
66 65
64
63
62
61
CNA OUT
POWER DOWN
LINK PULSE
OR VDD
10 k
Ω
370–
410 k
Ω
TP CABLES
INTERFACE
CONNECTION
TP CABLES
INTERFACE
CONNECTION
TP CABLES
INTERFACE
CONNECTION
TPBIAS
0.3–1.0
µF
6.34 k
Ω
±1%
VDD
0.001
µF
0.1
µF
0.1
µF
24.576 MHz
12 pF
12 pF
REFER TO
FIGURE 7
TPBIAS
0.3–1.0
µF
TPBIAS
0.3–1.0
µF
See Figure 6 for recommended power and ground connections.
Figure 8.
External Component Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com