Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2721 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP2721
Description  TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2721 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP2721 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IP2721
V1.02
http://www.injoinic.com/
5 / 7
Copyright © 2017, Injoinic Corp.
10.Function Description
USB TYPEC/PD protocol
IP2721 is an integrated USB TYPEC PD protocol IC for USB input port, support USB TYPEC/PD2.0/PD3.0
protocol. USB TYPEC device plug-in and plug-out is auto-detected based on CC1/CC2 pins. IP2721 integrated PD
protocol analyzer to get the voltage capabilities and request the matched voltage.
Port mode: sink (device)
Auto-detect USB TYPEC device plug-in and plug-out
Integrate hardware bi-phase Mark Coding (BMC) over CC
Integrate physical layer
Integrate PD protocol state machine
Support PD hardreset
SEL pin
SEL pin is used to configure the maximum voltage that IP2721 will request, when SEL is pulled to high voltage
level VSELH, the maximum request voltage is 20V; when SEL is floating, the maximum voltage that IP2721 request is
15V; when SEL pull down to GND, IP2721 only request 5V voltage.
If the maximum voltage SRC port supported is lower than IP2721 capable of, IP2721 will request the
maximum voltage supported by the SRC port. If the maximum voltage SRC port supported is higher than IP2721
capable of , IP2721 will request its maximum voltage and supported by the SRC port as well. That is to say, IP2721
will request the maximum voltage supported by both IP2721 and SRC port.
The customized models of IP2721_MAX is configured switching the maximum request voltage among 12V, 9V
and 5V by SEL. SEL pull 100kohm resistor to VIN is VSELH. The switching of SEL voltage level is not supported after
power up, it should be connected well before IP2721 power up.
SEL
IP2721 Voltage
IP2721_MAX12 Voltage
VSELH
20V
12V
Floating
15V
9V
GND
5V
5V
Power path control
IP2721 support external NMOS for power path control, controlling the Gate of external NMOS by VBUSG pin.
The NMOS will be turned on when CC connection is established, and turned off when CC disconnected.
*Power NMOS of Vds withstand voltage above 30V is recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com