Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2721 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP2721
Description  TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2721 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP2721 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2721 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IP2721
V1.02
http://www.injoinic.com/
2 / 7
Copyright © 2017, Injoinic Corp.
5. PIN Description
IP2721
VBUSG
NC
NC
CC2
NC
GND
VBUS
NC
TST1
CC1
SEL
VIN
TST2
NC
NC
TST3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TSSOP16
Pin No.
Pin Name
Description
1
VBUSG
Connect to the gate of external NMOS, in control of the power rail.
2
VIN
Power input pin, apply 1uF capacitor to GND, connect to the Drain of the
external NMOS.
3,4
NC
Keep floating
5
GND
Ground
6,7,8
TST1/TST2/TST2
Reserved PIN, keep floating
9,10
NC
Keep floating
11
SEL
IP2721
IP2721_MAX12
High:
20V
12V
Floating:
15V
9V
GND:
5V
5V
12
CC2
Connect to CC2 of USB Type-C port
13
CC1
Connect to CC1 of USB Type-C port
14,15
NC
Keep floating
16
VBUS
Connect to the source of external NMOS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com