Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT66121FN Datasheet (PDF) - ITE Tech.Inc.

IT66121FN Datasheet PDF - ITE Tech.Inc.
Part # IT66121FN
Download  IT66121FN Download
File Size   774.09 Kbytes
Page   40 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Low Power Transmitter with HDMI1.4 3D

IT66121FN Datasheet (PDF)

Go To PDF Page Download Datasheet
IT66121FN Datasheet PDF - ITE Tech.Inc.

Part # IT66121FN
Download  IT66121FN Click to download

File Size   774.09 Kbytes
Page   40 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Low Power Transmitter with HDMI1.4 3D

IT66121FN Datasheet (HTML) - ITE Tech.Inc.


IT66121FN Product details

General Description
The IT66121 is a high-performance and low-power single channel HDMI transmitter, fully compliant
with HDMI 1.3a, HDCP 1.2 and backward compatible to DVI 1.0 specifications. IT66121 also provide
the HDMI1.4 3D feature, which enables direct 3D displays through an HDMI link. The IT66121 serves
to provide the most cost-effective HDMI solution for DTV-ready consumer electronics such as set-top
boxes, DVD players and A/V receivers, as well as DTV-enriched PC products such as notebooks and
desktops, without compromising the performance. Its backward compatibility to DVI standard allows
connectivity to myriad video displays such as LCD and CRT monitors, in addition to the
ever-so-flourishing Flat Panel TVs.
Aside from the various video output formats supported, the IT66121 also supports 8 channels of I2S
digital audio, with sampling rate up to 192kHz and sample size up to 24 bits. IT66121 also support
S/PDIF input of up to 192kHz sampling rate.
The newly supported High-Bit Rate (HBR) audio by HDMI Specifications v1.3 is provided by the
IT66121 in two interfaces: with the four I2S input ports or the S/PDIF input port. With both interfaces
the highest possible HBR frame rate is supported at up to 768kHz
By default the IT66121 comes with integrated HDCP ROMs which are pre-programmed with HDCP
keys that ensures secure digital content transmission. Users need not worry about the procurement
and maintenance of the HDCP keys.
The IT66121 also provides a complete solution of Consumer Electronics Control (CEC) function. This
optional CEC feature of HDMI specification allows the user to control two or more CEC-enabled
devices through HDMI network. With IT66121 embedded CEC PHY, user can use high-level software
API to easily implement all the necessary remote control commands. The CEC bus related protocol is
handled by the CEC PHY which eliminates extra loading of the MCU.

Features
Single channel HDMI transmitter
Compliant with HDMI 1.3a, HDCP 1.2 and DVI 1.0 specifications
Supporting pixel rates from 25MHz to 165MHz
DTV resolutions: 480i, 576i, 480p, 576p, 720p, 1080i up to 1080p
PC resolutions: VGA, SVGA, XGA, SXGA up to UXGA
Various video input interface supporting digital video standards such as:
24-bit RGB/YCbCr 4:4:4 with RB swap option
16/20/24-bit YCbCr 4:2:2 with YC swap option
8/10/12-bit YCbCr 4:2:2 (CCIR-656)
BTA-T1004 format
DE-only interface
DDR option
Support HDMI1.4 3D feature
Frame packing mode up to 1080P@23.98/24Hz and 720P@59.94/60Hz
Top and Bottom up to 1080P@59.94/60Hz
Side-by-Side (Half) up to 1080P@59.94/60Hz
Side-by-Side (Full) up to 720P@59.94/60Hz
Bi-direction Color Space Conversion (CSC) between RGB and YCbCr color spaces with
programmable coefficients.
Digital audio input interface supporting
audio sample rate: 32~192 kHz
sample size: 16~24 bits
four I2S interfaces supporting 8-channel audio
S/PDIF interface supporting PCM, Dolby Digital, DTS digital audio transmission at up to
192kHz
Support for high-bit-rate (HBR) audio such as DTS-HD and Dolby TrueHD through the four I2S
interface or the S/PDIF interface, with frame rates as high as 768kHz
Compatible with IEC 60958 and IEC 61937
Software programmable HDMI output current, enabling user to optimize the performance for
fixed-cable systems or those with pre-defined cable length
MCLK input is optional for audio operation. Users could opt to implement audio input interface with
or without MCLK.
Integrated pre-programmed HDCP keys
Purely hardware HDCP engine increasing the robustness and security of HDCP operation
Monitor detection through Hot Plug Detection and Receiver Termination Detection
Embedded full-function pattern generator
Intelligent, programmable power management
Embedded hardware controlled CEC PHY
Ultra low power consumption, operation power is less than 70mw at 1080p@60Hz format.
64-pin (9x9 mm) QFN package




Similar Part No. - IT66121FN

ManufacturerPart #DatasheetDescription
logo
ITE Tech.Inc.
IT6604 ITE-IT6604 Datasheet
752Kb / 36P
Single-Link HDMI 1.4 Receiver with 3D Support
Sep-2010 Rev:0.9
IT6604E ITE-IT6604E Datasheet
752Kb / 36P
Single-Link HDMI 1.4 Receiver with 3D Support
Sep-2010 Rev:0.9
IT6633E-P ITE-IT6633E-P Datasheet
177Kb / 8P
3-to-1 HDMI 1.3 Active Switch with EDID RAM
Jun-2009 Rev:0.3
More results


Similar Description - IT66121FN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
3D Low Power Wake-up Receiver
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282_05 Datasheet
467Kb / 23P
Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
logo
Pericom Semiconductor C...
PI3HDMI511 PERICOM-PI3HDMI511 Datasheet
890Kb / 16P
HDMI1.4 Redriver Source-side Application
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_16 Datasheet
1,007Kb / 23P
Low Power 3D Magnetic Sensor with I2C Interface
Rev. 1.0, 2016-01-29
TLE493D-A2B6 INFINEON-TLE493D-A2B6 Datasheet
766Kb / 27P
Low Power 3D Hall Sensor with I2C Interface
Ver. 0.1 2018-04-20
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
logo
STMicroelectronics
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com