Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75115D Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN75115D Datasheet PDF - Texas Instruments
Part # SN75115D
Download  SN75115D Download
File Size   1285.92 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DUAL DIFFERENTIAL RECEIVERS

SN75115D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75115D Datasheet PDF - Texas Instruments

Part # SN75115D
Download  SN75115D Click to download

File Size   1285.92 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DUAL DIFFERENTIAL RECEIVERS

SN75115D Datasheet (HTML) - Texas Instruments


SN75115D Product details

 Choice of Open-Collector or Active Pullup
(Totem-Pole) Outputs
 Single 5-V Supply
 Differential Line Operation
 Dual-Channel Operation
 TTL Compatible
 ±15-V Common-Mode Input Voltage Range
 Optional-Use Built-In 130-W Line-
Terminating Resistor
 Individual Frequency-Response Controls
 Individual Channel Strobes
 Designed for Use With SN55113, SN75113,
SN55114, and SN75114 Drivers
 Designed to Be Interchangeable With
National DS9615 Line Receivers

description
The SN55115 and SN75115 dual differential line
receivers are designed to sense small differential
signals in the presence of large common-mode
noise. These devices give TTL-compatible output
signals as a function of the differential input
voltage. The open-collector output configuration
permits the wire-ANDing of similar TTL outputs
(such as SN5401/SN7401) or other
SN55115/SN75115 line receivers. This permits a
level of logic to be implemented without extra
delay.
The output stages are similar to TTL totem-pole outputs, but with sink outputs, 1YS and 2YS, and the
corresponding active pullup terminals, 1YP and 2YP, available on adjacent package pins. The frequency
response and noise immunity may be provided by a single external capacitor. A strobe input is provided for each
channel. With the strobe in the low level, the receiver is disabled and the outputs are forced to a high level.
The SN55115 is characterized for operation over the full military temperature range of –55°C to 125°C. The
SN75115 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75115D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115D TI1-SN75115D Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DE4 TI1-SN75115DE4 Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DE4 TI1-SN75115DE4 Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DG4 TI1-SN75115DG4 Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
More results


Similar Description - SN75115D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI-SN55115 Datasheet
183Kb / 11P
DUAL DIFFERENTIAL RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55115 TI1-SN55115_15 Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com