Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75115D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115D
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115D Datasheet(HTML) 1 Page - Texas Instruments

  SN75115D Datasheet HTML 1Page - Texas Instruments SN75115D Datasheet HTML 2Page - Texas Instruments SN75115D Datasheet HTML 3Page - Texas Instruments SN75115D Datasheet HTML 4Page - Texas Instruments SN75115D Datasheet HTML 5Page - Texas Instruments SN75115D Datasheet HTML 6Page - Texas Instruments SN75115D Datasheet HTML 7Page - Texas Instruments SN75115D Datasheet HTML 8Page - Texas Instruments SN75115D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Choice of Open-Collector or Active Pullup
(Totem-Pole) Outputs
D Single 5-V Supply
D Differential Line Operation
D Dual-Channel Operation
D TTL Compatible
D ±15-V Common-Mode Input Voltage Range
D Optional-Use Built-In 130-Ω Line-
Terminating Resistor
D Individual Frequency-Response Controls
D Individual Channel Strobes
D Designed for Use With SN55113, SN75113,
SN55114, and SN75114 Drivers
D Designed to Be Interchangeable With
National DS9615 Line Receivers
description
The SN55115 and SN75115 dual differential line
receivers are designed to sense small differential
signals in the presence of large common-mode
noise. These devices give TTL-compatible output
signals as a function of the differential input
voltage. The open-collector output configuration
permits the wire-ANDing of similar TTL outputs
(such
as
SN5401/SN7401)
or
other
SN55115/SN75115 line receivers. This permits a
level of logic to be implemented without extra
delay.
The output stages are similar to TTL totem-pole outputs, but with sink outputs, 1YS and 2YS, and the
corresponding active pullup terminals, 1YP and 2YP, available on adjacent package pins. The frequency
response and noise immunity may be provided by a single external capacitor. A strobe input is provided for each
channel. With the strobe in the low level, the receiver is disabled and the outputs are forced to a high level.
The SN55115 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75115 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
STRB
DIFF INPUT
(A AND B)
OUTPUT
(YP AND YS
TIED
TOGETHER)
L
X
H
H
LH
H
H
L
H = VI ≥ VIH min or VID more positive than VT+ max
L = VI ≤ VIL max or VID more negative thanVT– max
X = irrelevant
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1YS
1YP
1STRB
1RTC
1B
1RT
1A
GND
VCC
2YS
2YP
2STRB
2RTC
2B
2RT
2A
SN55115 ...J OR W PACKAGE
SN75115 ...N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2YP
2STRB
NC
2RTC
2B
1STRB
1RTC
NC
1B
1RT
SN55114 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75115D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115D TI1-SN75115D Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DE4 TI1-SN75115DE4 Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DE4 TI1-SN75115DE4 Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75115DG4 TI1-SN75115DG4 Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
More results

Similar Description - SN75115D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI-SN55115 Datasheet
183Kb / 11P
DUAL DIFFERENTIAL RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55115 TI1-SN55115_15 Datasheet
893Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com