Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC842A Datasheet (PDF) - Renesas Technology Corp

UPC842A Datasheet PDF - Renesas Technology Corp
Part # UPC842A
Download  UPC842A Download
File Size   638.69 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier

UPC842A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC842A Datasheet PDF - Renesas Technology Corp

Part # UPC842A
Download  UPC842A Click to download

File Size   638.69 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier

UPC842A Datasheet (HTML) - Renesas Technology Corp


UPC842A Product details

FEATURES
AEC-Q100 Compliant
Absolute Maximum Ratings
 Power Supply Voltage -0.3 ~ +36 V
 Operating Ambient Temperature Range -40 C ~ +125 C
Electrical Characteristics
 Power Supply Voltage (MIN. MAX.) +3 V to 32 V
 Input Offset Voltage (TYP.) ±2.0 mV (V ± = ±15 V)
 Gain Bandwidth Product (TYP.) 3.5 MHz
 Slew Rate (TYP.) 7 V/μs (V + = 5 V, V - = GND)




Similar Part No. - UPC842A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
logo
Renesas Technology Corp
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC842 RENESAS-UPC842 Datasheet
557Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifiers
Rev.2.00 Feb.14.25
logo
NEC
UPC842C NEC-UPC842C Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
logo
Renesas Technology Corp
UPC842C RENESAS-UPC842C Datasheet
576Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
More results


Similar Description - UPC842A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
logo
NEC
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com