Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4744 Datasheet (PDF) - NEC

UPC4744 Datasheet PDF - NEC
Part # UPC4744
Download  UPC4744 Download
File Size   86.75 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS

UPC4744 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4744 Datasheet PDF - NEC

Part # UPC4744
Download  UPC4744 Click to download

File Size   86.75 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS

UPC4744 Datasheet (HTML) - NEC


UPC4744 Product details

The µPC4744 is quad high speed, wide band operational amplifier designed for single supply operation from +3 V to +32 V with low supply current drain. By using high speed PNP transistors for input and output circuits, the excellent AC performance is achieved without degrading capacitive load drive capability.
With no crossover distortion and wide output voltage range characteristics, the µPC4744 is optimum choice for single supply AC amplifier, and active filters.

FEATURES
• High slew rate: 8.5 V/µs TYP. (V+ = +5 V, V– = GND)
• Wide gain band width product: 3.5 MHz TYP. (V+ = +5 V, V– = GND)
• Wide supply voltage range: +3 V to +32 V
• Wide output voltage swing
• Common mode input voltage range includes V–
• Internal frequency compensation
• Output short circuit protection




Similar Part No. - UPC4744

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4744 RENESAS-UPC4744 Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744 RENESAS-UPC4744 Datasheet
641Kb / 10P
Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
Rev.2.00 Feb.14.25
UPC4744C RENESAS-UPC4744C Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744G2 RENESAS-UPC4744G2 Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744G2-AP RENESAS-UPC4744G2-AP Datasheet
641Kb / 10P
Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
Rev.2.00 Feb.14.25
More results


Similar Description - UPC4744

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com