Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4744 Datasheet(PDF) 4 Page - NEC

Part # UPC4744
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4744 Datasheet(HTML) 4 Page - NEC

  UPC4744 Datasheet HTML 1Page - NEC UPC4744 Datasheet HTML 2Page - NEC UPC4744 Datasheet HTML 3Page - NEC UPC4744 Datasheet HTML 4Page - NEC UPC4744 Datasheet HTML 5Page - NEC UPC4744 Datasheet HTML 6Page - NEC UPC4744 Datasheet HTML 7Page - NEC UPC4744 Datasheet HTML 8Page - NEC UPC4744 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC4744
4
TYPICAL CHARACTERISTICS (TA = 25
°C, TYP.)
200
150
100
50
0
10203040
INPUT BIAS CURRENT
40
30
20
10
0
10203040
V+ - Supply Voltage - V (V– = GND)
V+ - Supply Voltage - V (V– = GND)
COMMON MODE INPUT VOLTAGE RANGE
VICM+
VICM–
5
4
3
2
1
0
–1
–2
–3
–4
–5
–50
0
100
50
TA - Operating Ambient Temperature - °C
INPUT OFFSET VOLTAGE
200
100
0
50
0
–50
100
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - °C
V± = ±15V
V± = ±15V
1000
800
600
400
200
0
20406080
100
PC4744C
PC4744G2
TA - Operating Ambient Temperature - °C
POWER DISSIPATION
2
4
6
8
10
12
14
16
18
20
0
±5
±10
±15
±20
V± - Supply Voltage - V
SUPPLY CURRENT
V+
ICC
V–
–
+
A
TA = –20 °C
TA = +25 °C
TA = +80°C
µ
µ
182 °C/W
132 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com