Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4744 Datasheet(PDF) 1 Page - NEC

Part # UPC4744
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4744 Datasheet(HTML) 1 Page - NEC

  UPC4744 Datasheet HTML 1Page - NEC UPC4744 Datasheet HTML 2Page - NEC UPC4744 Datasheet HTML 3Page - NEC UPC4744 Datasheet HTML 4Page - NEC UPC4744 Datasheet HTML 5Page - NEC UPC4744 Datasheet HTML 6Page - NEC UPC4744 Datasheet HTML 7Page - NEC UPC4744 Datasheet HTML 8Page - NEC UPC4744 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1998
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4744
SINGLE SUPPLY VOLTAGE, HIGH SPEED,
WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
The
µPC4744 is quad high speed, wide band operational amplifier designed for single supply operation from
+3 V to +32 V with low supply current drain. By using high speed PNP transistors for input and output circuits,
the excellent AC performance is achieved without degrading capacitive load drive capability.
With no crossover distortion and wide output voltage range characteristics, the
µPC4744 is optimum choice for
single supply AC amplifier, and active filters.
FEATURES
•
High slew rate: 8.5 V/
µs TYP. (V+ = +5 V, V– = GND)
•
Wide gain band width product: 3.5 MHz TYP. (V+ = +5 V, V– = GND)
•
Wide supply voltage range: +3 V to +32 V
•
Wide output voltage swing
•
Common mode input voltage range includes V–
•
Internal frequency compensation
•
Output short circuit protection
Document No. G13959EJ1V0DS00 (1st edition)
Date Published December 1998 N CP(K)
Printed in Japan
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION
(Top View)
ORDERING INFORMATION
Part Number
Package
µPC4744C
14-pin plastic DIP (300 mil)
µPC4744G2
14-pin plastic SOP (225 mil)
The information in this document is subject to change without notice.
Q7
Q8
Q9
Q10
Q11
Q12
Q18
Q19
Q20
Q17
Q16
Q15
Q13
Q14
Q6
Q5
Q2
Q3
Q4
Q1
OUT
V–
IN
II
V+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1
IN1
IN2
II2
OUT2
II1
V+
OUT4
IN4
IN3
II3
OUT3
II4
V–
–
+
+
–
23
14
PC4744C, 4744G2
–
+
+
–
µ


Similar Part No. - UPC4744

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4744 RENESAS-UPC4744 Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744 RENESAS-UPC4744 Datasheet
641Kb / 10P
Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
Rev.2.00 Feb.14.25
UPC4744C RENESAS-UPC4744C Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744G2 RENESAS-UPC4744G2 Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4744G2-AP RENESAS-UPC4744G2-AP Datasheet
641Kb / 10P
Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
Rev.2.00 Feb.14.25
More results

Similar Description - UPC4744

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com