Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US8030 Datasheet (PDF) - Renesas Technology Corp

US8030 Datasheet PDF - Renesas Technology Corp
Part # US8030
Download  US8030 Download
File Size   263.65 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH

US8030 Datasheet (PDF)

Go To PDF Page Download Datasheet
US8030 Datasheet PDF - Renesas Technology Corp

Part # US8030
Download  US8030 Click to download

File Size   263.65 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH

US8030 Datasheet (HTML) - Renesas Technology Corp


US8030 Product details

Features
• Low On capacitance, 3.7 pF (typical)
• Low On resistance, 6.5Ω (typical)
• Low power consumption (1 μA maximum)
– 10 μA maximum ICCT over an expanded control
voltage range (VIN=2.6 V, VCC=4.3 V)
• Wide -3dB bandwidth, > 850 MHz
• Bi-directional operation
• 8 kV ESD protection
• Packaged in RoHS compliant 10-lead μMLP (1.4
x1.8mm)
• Industrial temperature range (-40 to +85°C)




Similar Part No. - US8030

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
US8030NDGI IDT-US8030NDGI Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
US8030NDGI8 IDT-US8030NDGI8 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
More results


Similar Description - US8030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com