Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US8030 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # US8030
Description  LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

US8030 Datasheet(HTML) 2 Page - Renesas Technology Corp

  US8030 Datasheet HTML 1Page - Renesas Technology Corp US8030 Datasheet HTML 2Page - Renesas Technology Corp US8030 Datasheet HTML 3Page - Renesas Technology Corp US8030 Datasheet HTML 4Page - Renesas Technology Corp US8030 Datasheet HTML 5Page - Renesas Technology Corp US8030 Datasheet HTML 6Page - Renesas Technology Corp US8030 Datasheet HTML 7Page - Renesas Technology Corp US8030 Datasheet HTML 8Page - Renesas Technology Corp US8030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IDTUS8030
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
2
IDTUS8030
REV F 082108
Pin Assignment (10 µMLP)
Analog Symbol
Truth Table
Pin Descriptions
OE
V
CC
S
2A
GND
1A
Control
OE
1B
1
2A
S
1B
2
2B
1
2B
2
1A
SOE
Function
X
H
Disconnect
LL
A = B1
HL
A = B2
Pin Name
Pin Description
OE
Bus switch enable
S
Select Input
ABus A
B1, B2
Bus B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com