Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4062 Datasheet (PDF) - Renesas Technology Corp

X4062 Datasheet PDF - Renesas Technology Corp
Part # X4062
Download  X4062 Download
File Size   858.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM

X4062 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4062 Datasheet PDF - Renesas Technology Corp

Part # X4062
Download  X4062 Click to download

File Size   858.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM

X4062 Datasheet (HTML) - Renesas Technology Corp


X4062 Product details

FEATURES
• Dual voltage monitoring
—V2Mon operates independent of VCC
• Watchdog timer with selectable timeout intervals
• Low VCC detection and reset assertion
—Four standard reset threshold voltages
—User programmable VTRIP threshold
—Reset signal valid to VCC=1V
• Low power CMOS
—20μA max standby current, watchdog on
—1μA standby current, watchdog OFF
• 64Kbits of EEPROM
—64 byte page size
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2, all or 64, 128, 256 or 512
bytes of EEPROM array with programmable
Block Lock™ protection
• 400kHz 2-wire interface
—Slave addressing supports up to 4 devices on the same bus




Similar Part No. - X4062

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X40626S14 XICOR-X40626S14 Datasheet
516Kb / 23P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626S14 INTERSIL-X40626S14 Datasheet
355Kb / 22P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results


Similar Description - X4062

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
64K (8K x 8) Low Voltage CMOS EEPROM
2004
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com