Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C64A Datasheet (PDF) - Microchip Technology

28C64A Datasheet PDF - Microchip Technology
Part # 28C64A
Download  28C64A Download
File Size   67.93 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) CMOS EEPROM

28C64A Datasheet (PDF)

Go To PDF Page Download Datasheet
28C64A Datasheet PDF - Microchip Technology

Part # 28C64A
Download  28C64A Click to download

File Size   67.93 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) CMOS EEPROM

28C64A Datasheet (HTML) - Microchip Technology


28C64A Product details

DESCRIPTION

The Microchip Technology Inc. 28C64A is a CMOS 64K non volatile electrically Erasable PROM. The 28C64A is accessed like a static RAM for the read or write cycles with out the need of external components. During a “byte write”, the address and data are latched internally, freeing the micro processor address and data bus for other operations. Following the initiation of write cycle, the device will go to a busy state and automatically clear and write the latched data using an internal control timer. To determine when the write cycle is complete, the user has a choice of monitoring the Ready/Busy output or using Data polling. The Ready/Busy pin is an open drain output, which allows easy configuration in wired or systems. Alternatively, Data polling allows the user to read the location last written to when the write operation is complete. CMOS design and processing enables this part to be used in systems where reduced power consumption and reliability are required. A complete family of packages is offered to provide the utmost flexibility in applications.



FEATURES

• Fast Read Access Time—150 ns

• CMOS Technology for Low Power Dissipation

   - 30 mA Active

   - 100 µA Standby

• Fast Byte Write Time—200 µs or 1 ms

• Data Retention >200 years

• High Endurance - Minimum 100,000 Erase/Write Cycles

• Automatic Write Operation

   - Internal Control Timer

   - Auto-Clear Before Write Operation

   - On-Chip Address and Data Latches

• Data Polling

• Ready/Busy

• Chip Clear Operation

• Enhanced Data Protection

   - VCC Detector

   - Pulse Filter

   - Write Inhibit

• Electronic Signature for Device Identification

• 5-Volt-Only Operation

• Organized 8Kx8 JEDEC Standard Pinout

   - 28-pin Dual-In-Line Package

   - 32-pin PLCC Package

   - 28-pin SOIC Package

• Available for Extended Temperature Ranges:

   - Commercial: 0°C to +70°C

   - Industrial: -40°C to +85°C



 




Similar Part No. - 28C64A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
28C64A-15 CATALYST-28C64A-15 Datasheet
238Kb / 8P
64K - BIT CMOS E2PROM
logo
Microchip Technology
28C64A-15/L MICROCHIP-28C64A-15/L Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15/P MICROCHIP-28C64A-15/P Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15/SO MICROCHIP-28C64A-15/SO Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28C64A-15I/L MICROCHIP-28C64A-15I/L Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
More results


Similar Description - 28C64A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
64K (8K x 8) Low Voltage CMOS EEPROM
2004
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com