Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C64 Datasheet (PDF) - Microchip Technology

27C64 Datasheet PDF - Microchip Technology
Part # 27C64
Download  27C64 Download
File Size   126.54 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) CMOS EPROM

27C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C64 Datasheet PDF - Microchip Technology

Part # 27C64
Download  27C64 Click to download

File Size   126.54 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) CMOS EPROM

27C64 Datasheet (HTML) - Microchip Technology


27C64 Product details

DESCRIPTION

The Microchip Technology Inc. 27C64 is a CMOS 64K bit (electrically) Programmable Read Only Memory.

The device is organized as 8K words by 8 bits (8K bytes). Accessing individual bytes from an address transition or from power-up (chip enable pin going low) is accomplished in less than 120 ns. CMOS design and processing enables this part to be used in systems where reduced power consumption and high reliability are requirements.



FEATURES

• High speed performance

- 120 ns access time available

• CMOS Technology for low power consumption

- 20 mA Active current

- 100 µA Standby current

• Factory programming available

• Auto-insertion-compatible plastic packages

• Auto ID aids automated programming

• Separate chip enable and output enable controls

• High speed “express” programming algorithm

• Organized 8K x 8: JEDEC standard pinouts

- 28-pin Dual-in-line package

- 32-pin PLCC Package

- 28-pin SOIC package

- Tape and reel

• Available for the following temperature ranges

- Commercial: 0°C to +70°C

- Industrial:  -40°C to +85°C




Similar Part No. - 27C64

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
27C64 SYC-27C64 Datasheet
151Kb / 11P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
logo
STMicroelectronics
27C64-150 STMICROELECTRONICS-27C64-150 Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
27C64-200 STMICROELECTRONICS-27C64-200 Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
27C64A-12A PHILIPS-27C64A-12A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
More results


Similar Description - 27C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
512K (64K x 8) CMOS EPROM
1996
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
64K X 8 OTP CMOS EPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com