Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27LV64 Datasheet (PDF) - Microchip Technology

27LV64 Datasheet PDF - Microchip Technology
Part # 27LV64
Download  27LV64 Download
File Size   62.36 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) Low-Voltage CMOS EPROM

27LV64 Datasheet (PDF)

Go To PDF Page Download Datasheet
27LV64 Datasheet PDF - Microchip Technology

Part # 27LV64
Download  27LV64 Click to download

File Size   62.36 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K (8K x 8) Low-Voltage CMOS EPROM

27LV64 Datasheet (HTML) - Microchip Technology


27LV64 Product details

DESCRIPTION
The Microchip Technology Inc. 27LV64 is a low-voltage (3.0 volt) CMOS EPROM designed for battery powered applications. The device is organized as 8K x 8 (8KByte) non-volatile memory product. The 27LV64 consumes only 8mA maximum of active current during a 3.0 volt read operation therefore improving battery performance. This device is designed for very low voltage applications where conventional 5.0 volt only EPROMs can not be used. Accessing individual bytes from an address transition or from power-up (chip enable pin going low) is accomplished in less than 200 ns at 3.0V.This device allows system designers the ability to use low voltage non-volatile memory with today’s low voltage microprocessors and peripherals in battery powered applications.

FEATURES
• Wide voltage range 3.0V to 5.5V
• High speed performance
    - 200 ns access time available at 3.0V
• CMOS Technology for low power consumption
    - 8 mA active current at 3.0V
    - 20 mA active current at 5.5V
    - 100 µA standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 8K x 8: JEDEC standard pinouts
    - 28-pin Dual-in-line package
    - 32-pin PLCC Package
    - 28-pin SOIC package
    - Tape and reel
• Available for the following temperature ranges:
    - Commercial: 0°C to +70°C
    - Industrial: -40°C to +85°C




Similar Part No. - 27LV64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64-20/L MICROCHIP-27LV64-20/L Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64-20/P MICROCHIP-27LV64-20/P Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64-20/SO MICROCHIP-27LV64-20/SO Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64-20I/L MICROCHIP-27LV64-20I/L Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
More results


Similar Description - 27LV64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
64K (8K x 8) Low Voltage CMOS EEPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
64K X 8 OTP CMOS EPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com