Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4608 Datasheet (PDF) - List of Unclassifed Manufacturers

4608 Datasheet PDF - List of Unclassifed Manufacturers
Part # 4608
Download  4608 Download
File Size   44.45 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Q, high self-resonant frequency

4608 Datasheet (PDF)

Go To PDF Page Download Datasheet
4608 Datasheet PDF - List of Unclassifed Manufacturers

Part # 4608
Download  4608 Click to download

File Size   44.45 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Q, high self-resonant frequency

4608 Datasheet (HTML) - List of Unclassifed Manufacturers


4608 Product details

Special Features
• High Q, high self-resonant
frequency
• High voltage application
• Single layer or 3-pi universal
wound
• Low cost
• Varnish coated
• Operating temperature:
phenolic -55 to +125°C
iron & ferrite -55 to +105°C
• Current to cause 35°C maximum
temperature rise




Similar Part No. - 4608

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4608 KEYSTONE-4608 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
Bourns Electronic Solut...
4608-RC BOURNS-4608-RC Datasheet
108Kb / 1P
Varnished Chokes
4608-RC BOURNS-4608-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
Turck, Inc.
4608031 TURCK-4608031 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
46080920 TURCK-46080920 Datasheet
1Mb / 3P
Inductive Sensor – With Extended Temperature Range
11/07/2023
More results


Similar Description - 4608

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F BOURNS-74F Datasheet
429Kb / 1P
High Q, high self-resonant frequency Varnish coated
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
High Q, high self-resonant frequency
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
Self Resonant Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com