Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4608
Description  High Q, high self-resonant frequency
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

4608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4608 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF Chokes
4600 Series
Test
SRF
DCR
Coil
Part
L (uH)
Q
Freq. (MHz)
(
Ω)
I, DC Diam.
Core
Number ±20% Min. (MHz) Min.
Max.
(mA)
Max.
Material Fig.
4602
1.0
60
7.96
190
0.05
2000
0.27
Phenolic
A
±10%
4604
1.5
58
7.96
149
0.093
1800
0.27
Phenolic
A
4606
2.4
56
7.96
120
0.19
1500
0.27
Phenolic
A
4608
3.9
60
7.96
93
0.45
1000
0.27
Phenolic
A
4609
5.5
57
7.96
80
0.67
850
0.27
Phenolic
A
4610
6.2
57
7.96
76
0.83
700
0.27
Phenolic
A
4611
8.2
57
7.96
65
1.2
600
0.27
Phenolic
A
4612
10
36
2.52
61
1.5
500
0.27
Phenolic
A
±5%
4622
10
69
2.52
40
0.11
1500
0.29
Iron
B
4624
15
62
2.52
33
0.17
1000
0.29
Iron
B
4626
24
65
2.52
25
0.34
800
0.29
Iron
B
4628
39
70
2.52
20
0.65
600
0.29
Iron
B
4629
55
72
2.52
17
1.0
500
0.29
Iron
B
4630
62
83
2.52
16
1.2
475
0.29
Iron
B
4631
82
85
2.52
13
1.9
450
0.29
Iron
B
4632
100
107
0.79
12
3.0
400
0.29
Iron
B
4642
100
49
0.79
11
5.4
160
0.41
Phenolic
C
4644
150
53
0.79
8.8
6.5
160
0.41
Phenolic
C
4646
240
56
0.79
7.2
8.5
160
0.44
Phenolic
C
4648
390
57
0.79
5.6
11.0
160
0.50
Phenolic
C
4649
550
58
0.79
4.8
13.0
160
0.50
Phenolic
C
4650
620
59
0.79
4.5
15.0
160
0.53
Phenolic
C
4651
750
56
0.79
4.0
16.0
160
0.53
Phenolic
C
4652
1000
59
0.252
3.7
19.0
160
0.56
Phenolic
C
L Test
Q Test
@ 1KHz
Freq.
4662
1000
83
0.252
2.6
8.6
160
0.47
Iron
D
4664
1500
82
0.252
2.1
11.0
160
0.47
Iron
D
4666
2400
80
0.252
1.7
15.0
160
0.53
Iron
D
4668
3900
73
0.252
1.4
20.0
160
0.56
Iron
D
4669
5500
69
0.252
1.1
25.0
160
0.59
Iron
D
4670
6200
89
0.252
1.0
37.0
100
0.53
Iron
D
4671
8200
83
0.252
0.94
46.0
100
0.56
Iron
D
4672
10,000
68
0.0796
0.82
50.0
100
0.59
Iron
D
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
106
Special Features
• High Q, high self-resonant
frequency
• High voltage application
• Single layer or 3-pi universal
wound
• Low cost
• Varnish coated
• Operating temperature:
phenolic -55 to +125°C
iron & ferrite -55 to +105°C
• Current to cause 35°C maximum
temperature rise
max.
0.29
0.032
0.875
0.029
max.
0.27
max.
0.75
A
0.032
Fig. D
Fig.C
1.5
0.875
0.029
A
0.75
1.5
Fig. B
1.5
Fig. A
1.5
max.
0.29
0.032
0.875
0.029
max.
0.27
max.
0.75
A
0.032
Fig. D
Fig.C
1.5
0.875
0.029
A
0.75
1.5
Fig. B
1.5
Fig. A
1.5
max.
0.29
0.032
0.875
0.029
max.
0.27
max.
0.75
A
0.032
Fig. D
Fig.C
1.5
0.875
0.029
A
0.75
1.5
Fig. B
1.5
Fig. A
1.5
max.
0.29
0.032
0.875
0.029
max.
0.27
max.
0.75
A
0.032
Fig. D
Fig.C
1.5
0.875
0.029
A
0.75
1.5
Fig. B
1.5
Fig. A
1.5


Similar Part No. - 4608

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4608 KEYSTONE-4608 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
Bourns Electronic Solut...
4608-RC BOURNS-4608-RC Datasheet
108Kb / 1P
Varnished Chokes
4608-RC BOURNS-4608-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
Turck, Inc.
4608031 TURCK-4608031 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
46080920 TURCK-46080920 Datasheet
1Mb / 3P
Inductive Sensor – With Extended Temperature Range
11/07/2023
More results

Similar Description - 4608

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F BOURNS-74F Datasheet
429Kb / 1P
High Q, high self-resonant frequency Varnish coated
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
High Q, high self-resonant frequency
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com