Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C_IW Datasheet (PDF) - List of Unclassifed Manufacturers

CSS555C_IW Datasheet PDF - List of Unclassifed Manufacturers
Part # CSS555C_IW
Download  CSS555C_IW Download
File Size   189.67 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Micropower Timer (with Internal Timing Capacitor)

CSS555C_IW Datasheet (PDF)

Go To PDF Page Download Datasheet
CSS555C_IW Datasheet PDF - List of Unclassifed Manufacturers

Part # CSS555C_IW
Download  CSS555C_IW Click to download

File Size   189.67 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Micropower Timer (with Internal Timing Capacitor)

CSS555C_IW Datasheet (HTML) - List of Unclassifed Manufacturers


CSS555C_IW Product details

GENERAL PART DESCRIPTION
The CSS555C is a micropower version of the popular 555 timer IC. It features an operating current
under 5μA and a minimum supply voltage of 1.2V, making it ideal for battery-operated applications. A
six-decade programmable counter is included to allow generation of long timing delays. Configuration
data for the counter is held in EEPROM to maintain the standard pin count of eight. The analog circuits
are temperature compensated to provide excellent stability over a wide ambient temperature range. A
simple four-wire interface provides Read/Write access to the EEPROM. The CSS555C device includes
an internal precision timing capacitor (CTI). Its value is trimmed to 100pF ±1%.

Key Features
· Lowest power 555 timer (by > 10X)!
Active mode current < 5 μA
· Wide operating range
Wide supply range: 1.2V to 5.5V
Temperature range: -40°C to +85°C
· Internal 6 decade, programmable counter
Settings = 1, 10, 102, 103, 104, 105 & 106
Multiplies delay time by up to 106
Delay times from microseconds to days
· Internal 100pF, ±1% Timing Capacitor
User adjustable, 0.2pF resolution
· Pin-for-pin compatible with 555 series timers
Monostable or Astable operation
· Extremely low transient switching current
“Break-Before-Make” output driver
· Temperature stability – 0.005% per °C

Applications
· Portable & Battery-Powered Systems
· Precision Timing & Pulse Generation
· Ultra Long Period Delay Generation
· Single Cell Battery Applications
· Ultra Low Power Timers
· Pulse Width Modulation
· Low Cost, High Reliability Applications




Similar Part No. - CSS555C_IW

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-12 TDK-CSS500-12 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-24 TDK-CSS500-24 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-30 TDK-CSS500-30 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-36 TDK-CSS500-36 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
More results


Similar Description - CSS555C_IW

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8212 BOARDCOM-BCM8212 Datasheet
119Kb / 1P
TRANSCEIVER WITH INTERNAL LOOP TIMING AND PHASE DETECTOR
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
Micropower Long Range Timer
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211_04 Datasheet
122Kb / 2P
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
Micropower 關P Reset with Watchdog Timer
logo
Tyco Electronics
VTMA1 MACOM-VTMA1 Datasheet
211Kb / 1P
On-Delay Timing Module With Internal Potentiometer
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
30 internal interrupts: Watchdog timer. Timer
logo
Texas Instruments
BQ771800 TI1-BQ771800_16 Datasheet
875Kb / 23P
Internal Delay Timer
logo
Bothhand USA, LP.
ST1LF BOTHHAND-ST1LF Datasheet
186Kb / 2P
Input Filter With Internal Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com