Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C_IW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSS555C_IW
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C_IW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSS555C_IW Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
3
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Supply Voltage (VDD)
6V
Voltage at any Pin
-0.3 to VDD +0.3V
Total Current into VDD Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
-65°C to +140°C
Note: Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications
are not ensured when operating the device at absolute maximum ratings.
Electrical Characteristics
Temperature = 25°C, Test Circuit #1, unless otherwi se specified
(If VDD < 1.8V, “Low Voltage” mode must be selected to provide adequate comparator input levels. EE Bit5 = 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Range
VDD
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
1.8
1.2
5.5
5.5
V
V
Supply Current
(No DC load on OUTPUT pin, RL = ∞)
IDD
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
2.2
3.1
4.3
4.0
6.0
8.0
µA
µA
µA
Timing Accuracy
(Micro power setting, EE Bit 4 = 0)
(Monostable & Astable Modes)
TAVDD
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
1.0
1.0
1.0
2.0
2.0
2.0
%
%
%
Timing Drift with Temperature
(Monostable & Astable Modes)
TDTEMP
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
45
35
35
ppm/°C
ppm/°C
ppm/°C
Timing Shift with Supply Voltage
(Monostable & Astable Modes)
TSVDD
RA(B) = 1M , CT = 0.001
µF
VDD = 1.5V
VDD = 3.0V
VDD = 5.0V
0.10
0.15
0.15
%/V
%/V
%/V
Maximum Oscillator Frequency
fMAX
RA,B = 4.7K , CTI = 100 pF
1
MHz
Control Voltage
VCTRL
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
64
88
67
90
70
92
% V
% V
Trigger Voltage
VTRIG
Standard VDD (EE Bit 5 = 0)
Low VDD (EE Bit 5 = 1)
30
8
33
10
36
12
% V
% V
Reset Voltage
VRST
0.3 x VDD
0.5 x VDD
0.7 x VDD
V
Output Voltage
(Timer Output Pin)
VOL
VDD = 1.5V, ISINK = 1 mA
VDD = 3.0V, ISINK = 4 mA
VDD = 5.0V, ISINK = 10 mA
0.07
0.16
0.31
0.15
0.25
0.50
V
V
V
VOH
VDD = 1.5V, ISOURCE = 1 mA
VDD = 3.0V, ISOURCE = 4 mA
VDD = 5.0V, ISOURCE = 10 mA
1.35
2.75
4.50
1.40
2.85
4.73
V
V
V
Discharge Saturation Voltage
(Discharge Output Pin)
VDIS
VDD = 1.5V, ISINK = 2.5 mA
VDD = 3.0V, ISINK = 10 mA
VDD = 5.0V, ISINK = 25 mA
0.07
0.18
0.36
0.15
0.25
0.50
V
V
V
Input Current
(Trigger, Reset & Threshold Inputs)
IIN
VDD = 5.5V
VIN = 0.0V to 5.5V
10
pA
Discharge Leakage Current
IDIS
VDD = 5.5V
1
100
nA
Output Rise & Fall Times
tR, tF
VDD = 3.0V, CL = 10 pF
5
ns
Input Capacitance
CIN
10
pF
Internal Timing Capacitor (NPO)
CTI
Trim Resolution = 0.2pF
99
100
101
pF
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com