Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLN0 Datasheet (PDF) - Alpha & Omega Semiconductors

BLN0 Datasheet PDF - Alpha & Omega Semiconductors
Part # BLN0
Download  BLN0 Download
File Size   2142.66 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

BLN0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLN0 Datasheet PDF - Alpha & Omega Semiconductors

Part # BLN0
Download  BLN0 Click to download

File Size   2142.66 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

BLN0 Datasheet (HTML) - Alpha & Omega Semiconductors


BLN0 Product details

General Description
The AOZ5311NQI is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side MOSFET is optimized
to achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra low ON resistance to minimize
conduction loss.
The AOZ5311NQI uses a PWM input for accurate control
of the power MOSFETs switching activities, is compatible
with 3V and 5V (CMOS) logic and supports Tri-State
PWM.
A number of features are provided making the
AOZ5311NQI a highly versatile power module. The bootstrap
switch is integrated in the driver. The Low-Side
MOSFET can be driven into diode emulation mode to
provide asynchronous operation and improve light-load
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 2.5V to 20V power supply range
 4.5V to 5.5V driver supply range
 55A continuous output current
- Up to 80A for 10ms on pulse
- Up to 120A for 10us on pulse
 Up to 2MHz switching operation
 3V / 5V PWM / Tri-State input compatible
 Under-Voltage lockout protection
 SMOD# control for Diode Emulation / CCM operation
 < 1mV detection threshold for efficient ZCD control
 Low profile 5x5 QFN-31L package

Applications
 Memory and graphic cards
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming console




Similar Part No. - BLN0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLN001 LITTELFUSE-BLN001 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN001.T LITTELFUSE-BLN001.T Datasheet
303Kb / 4P
Supplemental Fuses BLN Series
Rev: 100121
BLN002 LITTELFUSE-BLN002 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN002.T LITTELFUSE-BLN002.T Datasheet
303Kb / 4P
Supplemental Fuses BLN Series
Rev: 100121
BLN003 LITTELFUSE-BLN003 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
More results


Similar Description - BLN0

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com