Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLD2N06CL Datasheet (PDF) - ON Semiconductor

MLD2N06CL Datasheet PDF - ON Semiconductor
Part # MLD2N06CL
Download  MLD2N06CL Download
File Size   79.84 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK

MLD2N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
MLD2N06CL Datasheet PDF - ON Semiconductor

Part # MLD2N06CL
Download  MLD2N06CL Click to download

File Size   79.84 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK

MLD2N06CL Datasheet (HTML) - ON Semiconductor


MLD2N06CL Product details

The MLD2N06CL is designed for applications that require a rugged power switching device with short circuit protection that can be directly interfaced to a microcontrol unit (MCU). Ideal applications include automotive fuel injector driver, incandescent lamp driver or other applications where a high in−rush current or a shorted load condition could occur. This Logic Level Power MOSFET features current limiting for short circuit protection, integrated Gate−Source clamping for ESD protection and integral Gate−Drain clamping for over−voltage protection and SENSEFET technology for low on−resistance. No additional gate series resistance is required when interfacing to the output of a MCU, but a 40 k gate pulldown resistor is recommended to avoid a floating gate condition. The internal Gate−Source and Gate−Drain clamps allow the device to be applied without use of external transient suppression components. The Gate−Source clamp protects the MOSFET input from electrostatic voltage stress up to 2.0 kV. The Gate−Drain clamp protects the MOSFET drain from the avalanche stress that occurs with inductive loads. Their unique design provides voltage clamping that is essentially independent of operating temperature.

Features
• Pb−Free Packages are Available




Similar Part No. - MLD2N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLD2N06CL MOTOROLA-MLD2N06CL Datasheet
194Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
More results


Similar Description - MLD2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
MLD1N06CL ONSEMI-MLD1N06CL Datasheet
78Kb / 7P
SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 3
MLP1N06CL ONSEMI-MLP1N06CL Datasheet
65Kb / 8P
SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
November, 2000 ??Rev. 2
MLP2N06CL ONSEMI-MLP2N06CL Datasheet
80Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com