Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLD2N06CL Datasheet (PDF) - Motorola, Inc

MLD2N06CL Datasheet PDF - Motorola, Inc
Part # MLD2N06CL
Download  MLD2N06CL Download
File Size   194.0 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description VOLTAGE CLAMPED CURRENT LIMITING MOSFET

MLD2N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
MLD2N06CL Datasheet PDF - Motorola, Inc

Part # MLD2N06CL
Download  MLD2N06CL Click to download

File Size   194.0 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description VOLTAGE CLAMPED CURRENT LIMITING MOSFET

MLD2N06CL Datasheet (HTML) - Motorola, Inc


MLD2N06CL Product details

VOLTAGE CLAMPED CURRENT LIMITING MOSFET 62 VOLTS (CLAMPED) RDS(on) = 0.4 OHMS

The MLD2N06CL is designed for applications that require a rugged power switching device with short circuit protection that can be directly interfaced to a microcontrol unit (MCU). Ideal applications include automotive fuel injector driver, incandescent lamp driver or other applications where a high in–rush current or a shorted load condition could occur. This logic level power MOSFET features current limiting for short circuit protection, integrated Gate–Source clamping for ESD protection and integral Gate–Drain clamping for over–voltage protection and Sensefet technology for low on–resistance. No additional gate series resistance is required when interfacing to the output of a MCU, but a 40 kΩ gate pulldown resistor is recommended to avoid a floating gate condition. The internal Gate–Source and Gate–Drain clamps allow the device to be applied without use of external transient suppression components. The Gate–Source clamp protects the MOSFET input from electrostatic voltage stress up to 2.0 kV. The Gate–Drain clamp protects the MOSFET drain from the avalanche stress that occurs with inductive loads. Their unique design provides voltage clamping that is essentially independent of operating temperature. The MLD2N06CL is fabricated using Motorola’s SMARTDISCRETES technology which combines the advantages of a power MOSFET output device with the on–chip protective circuitry that can be obtained from a standard MOSFET process. This approach offers an economical means of providing protection to power MOSFETs from harsh automotive and industrial environments. SMARTDISCRETES devices are specified over a wide temperature range from –50°C to 150°C.




Similar Part No. - MLD2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MLD2N06CL ONSEMI-MLD2N06CL Datasheet
79Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLD2N06CLG ONSEMI-MLD2N06CLG Datasheet
79Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLD2N06CLT4 ONSEMI-MLD2N06CLT4 Datasheet
79Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLD2N06CLT4G ONSEMI-MLD2N06CLT4G Datasheet
79Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
More results


Similar Description - MLD2N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLD1N06CL MOTOROLA-MLD1N06CL Datasheet
163Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLP1N06CL MOTOROLA-MLP1N06CL Datasheet
136Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLP2N06CL MOTOROLA-MLP2N06CL Datasheet
192Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Alpha & Omega Semicondu...
AOT502 AOSMD-AOT502 Datasheet
321Kb / 7P
Clamped N-Channel MOSFET
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
Internal current limiting
17-Feb-2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com