Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLD2N06CL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MLD2N06CL
Description  VOLTAGE CLAMPED CURRENT LIMITING MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MLD2N06CL Datasheet(HTML) 4 Page - Motorola, Inc

  MLD2N06CL Datasheet HTML 1Page - Motorola, Inc MLD2N06CL Datasheet HTML 2Page - Motorola, Inc MLD2N06CL Datasheet HTML 3Page - Motorola, Inc MLD2N06CL Datasheet HTML 4Page - Motorola, Inc MLD2N06CL Datasheet HTML 5Page - Motorola, Inc MLD2N06CL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MLD2N06CL
4
Motorola TMOS Power MOSFET Transistor Device Data
Figure 6. Maximum Avalanche Energy
versus Starting Junction Temperature
Figure 7. Drain–Source Sustaining
Voltage Variation With Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 2 A
25
50
75
100
125
150
100
80
60
40
20
0
TJ = JUNCTION TEMPERATURE
– 50
0
150
62.5
62.0
61.5
61.0
60.5
60.0
63.0
63.5
64.0
50
100
ID = 20 mA
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain–to–source
voltage and drain current that a device can safely handle
when it is forward biased, or when it is on, or being turned on.
Because these curves include the limitations of simultaneous
high voltage and high current, up to the rating of the device,
they are especially useful to designers of linear systems. The
curves are based on a case temperature of 25
°C and a maxi-
mum junction temperature of 150
°C. Limitations for repetitive
pulses at various case temperatures can be determined by
using the thermal response curves. Motorola Application
Note, AN569, “Transient Thermal Resistance — General
Data and Its Use” provides detailed instructions.
MAXIMUM DC VOLTAGE CONSIDERATIONS
The maximum drain–to–source voltage that can be contin-
uously applied across the MLD2N06CL when it is in current
limit is a function of the power that must be dissipated. This
power is determined by the maximum current limit at maxi-
mum rated operating temperature (1.8 A at 150
°C) and not
the RDS(on). The maximum voltage can be calculated by the
following equation:
Vsupply =
(150 – TA)
ID(lim) (R
θJC + RθCA)
where the value of R
θCA is determined by the heatsink that is
being used in the application.
DUTY CYCLE OPERATION
When operating in the duty cycle mode, the maximum
drain voltage can be increased. The maximum operating
temperature is related to the duty cycle (DC) by the following
equation:
TC = (VDS x ID x DC x R
θCA) + TA
The maximum value of VDS applied when operating in a
duty cycle mode can be approximated by:
VDS =
150 – TC
ID(lim) x DC x R
θJC
Figure 8. Maximum Rated Forward Bias
Safe Operating Area (MLD2N06CL)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS = 10 V
SINGLE PULSE
TC = 25°C
dc
10 ms
100
10
1.0
0.1
0.1
1.0
10
1 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com