Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5343-TA Datasheet (PDF) - Nanjing International Group Co

2SC5343-TA Datasheet PDF - Nanjing International Group Co
Part # 2SC5343-TA
Download  2SC5343-TA Download
File Size   1743.15 Kbytes
Page   5 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-92 Plastic-Encapsulate Transistors

2SC5343-TA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5343-TA Datasheet PDF - Nanjing International Group Co

Part # 2SC5343-TA
Download  2SC5343-TA Click to download

File Size   1743.15 Kbytes
Page   5 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-92 Plastic-Encapsulate Transistors

2SC5343-TA Datasheet (HTML) - Nanjing International Group Co


2SC5343-TA Product details

FEATURES
Excellent hFE Linearity
hFE(2)=100(Typ) at VCE=6V,IC=150mA
hFE(IC=0.1mA)/ hFE(IC=2mA)=0.95(Typ).
Low Noise: NF=10dB(Typ). At f=1KHZ.




Similar Part No. - 2SC5343-TA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC5343-G MCC-2SC5343-G Datasheet
215Kb / 2P
NPN Silicon Transistors
2SC5343-G MCC-2SC5343-G Datasheet
267Kb / 2P
NPN Silicon Transistors
2SC5343-L MCC-2SC5343-L Datasheet
215Kb / 2P
NPN Silicon Transistors
2SC5343-L MCC-2SC5343-L Datasheet
267Kb / 2P
NPN Silicon Transistors
2SC5343-O MCC-2SC5343-O Datasheet
215Kb / 2P
NPN Silicon Transistors
More results


Similar Description - 2SC5343-TA

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com