Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54123L Datasheet (PDF) - Unisonic Technologies

M54123L Datasheet PDF - Unisonic Technologies
Part # M54123L
Download  M54123L Download
File Size   229.37 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description EARTH LEAKAGE CURRENT DETECTOR

M54123L Datasheet (PDF)

Go To PDF Page Download Datasheet
M54123L Datasheet PDF - Unisonic Technologies

Part # M54123L
Download  M54123L Click to download

File Size   229.37 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description EARTH LEAKAGE CURRENT DETECTOR

M54123L Datasheet (HTML) - Unisonic Technologies


M54123L Product details

DESCRIPTION

The UTC M54123L is a semiconductor integrated circuit with amplifier for a high-speed earth leakage circuit breaker. For the amplifying parts of earth leakage circuit breaker, the UTC M54123L consists of differential amplifier, latch circuit and voltage regulator.

In normal operating, the UTC M54123L should be connected to the secondary side of the ZCT (zero current transformers). Here the ZCT detects leakage current different amplifiers’ both input.

Then the signals which have been amplified are integrated by an external capacitor. The integrated signal connects to the input terminal of latch circuit whose output is suitable for the characteristics of high- speed earth leakage circuit breaker.

Until the input voltage reaches the fixed level, latch circuit doesn’t become high. Then drives a thyristor which is connected to latch circuit’s output terminal.



FEATURES

* With good input sensitivity current temperature characteristics

* High input sensitivity :VT=6.1mV (Typ.)

* Only need low external component count

* High noise and surge-proof

* Low power dissipation :PD=5mW (Typ.)

* May be used both as 100V and 200V.

* Wide temperature range : from -20 °C to +80°C



 




Similar Part No. - M54123L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54123L MITSUBISHI-M54123L Datasheet
195Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Unisonic Technologies
M54123L UTC-M54123L Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54123L UTC-M54123L Datasheet
248Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54123L-D08-T UTC-M54123L-D08-T Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54123L-G08-T UTC-M54123L-G08-T Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
More results


Similar Description - M54123L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com