Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A8 Datasheet (PDF) - Unisonic Technologies

MAC97A8 Datasheet PDF - Unisonic Technologies
Part # MAC97A8
Download  MAC97A8 Download
File Size   130.07 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOGIC LEVEL TRIAC

MAC97A8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC97A8 Datasheet PDF - Unisonic Technologies

Part # MAC97A8
Download  MAC97A8 Click to download

File Size   130.07 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOGIC LEVEL TRIAC

MAC97A8 Datasheet (HTML) - Unisonic Technologies


MAC97A8 Product details

DESCRIPTION
Logic level sensitive gate triac intended to be interfaced directly to microcontrollers, logic integrated circuits and other low power gate trigger circuits.

FEATURES
* Blocking voltage to 600 V (MAC97A8)
* RMS on-state current to 0.6 A
* Sensitive gate in all four quadrants

APPLICATIONS
* General purpose bidirectional switching
* Phase control applications
* Solid state relays.




Similar Part No. - MAC97A8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A8 ONSEMI-MAC97A8 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Inchange Semiconductor ...
MAC97A8 ISC-MAC97A8 Datasheet
55Kb / 1P
Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A8 TGS-MAC97A8 Datasheet
99Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
MAC97A8 WINNERJOIN-MAC97A8 Datasheet
137Kb / 1P
TRIAC
More results


Similar Description - MAC97A8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
Triac logic level
Rev. 01-26 February 2008
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
logo
Unisonic Technologies
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
0.8A Logic level TRIAC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com