Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA44-AE3-R Datasheet (PDF) - Unisonic Technologies

MMBTA44-AE3-R Datasheet PDF - Unisonic Technologies
Part # MMBTA44-AE3-R
Download  MMBTA44-AE3-R Download
File Size   78.3 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR

MMBTA44-AE3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA44-AE3-R Datasheet PDF - Unisonic Technologies

Part # MMBTA44-AE3-R
Download  MMBTA44-AE3-R Click to download

File Size   78.3 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR

MMBTA44-AE3-R Datasheet (HTML) - Unisonic Technologies


MMBTA44-AE3-R Product details

FEATURES
* Collector-Emitter voltage: VCEO=400V (UTC MMBTA44)
                                            VCEO=350V (UTC MMBTA45)
* Collector current up to 300mA
* Complement to UTC MMBTA94/93
* Power Dissipation: PD(max)=350mW




Similar Part No. - MMBTA44-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA44-AE3-R UTC-MMBTA44-AE3-R Datasheet
201Kb / 4P
HIGH VOLTAGE TRANSISTORS
More results


Similar Description - MMBTA44-AE3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
NEC
2SD2383 NEC-2SD2383 Datasheet
114Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE SWITCHING
logo
Seme LAB
2N5015 SEME-LAB-2N5015_08 Datasheet
90Kb / 2P
HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
2N5015X SEME-LAB-2N5015X Datasheet
90Kb / 2P
HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
MBT6517LT1 WINNERJOIN-MBT6517LT1 Datasheet
76Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
2N5551 CDIL-2N5551 Datasheet
284Kb / 3P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5550 CDIL-2N5550 Datasheet
212Kb / 4P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com