Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBTA42 Datasheet (PDF) - First Components International

FMBTA42 Datasheet PDF - First Components International
Part # FMBTA42
Download  FMBTA42 Download
File Size   73.65 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR

FMBTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBTA42 Datasheet PDF - First Components International

Part # FMBTA42
Download  FMBTA42 Click to download

File Size   73.65 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR

FMBTA42 Datasheet (HTML) - First Components International


FMBTA42 Product details

NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR

□ JUNCTION TEMPERATURE ----------------------------- +150℃ MAX
□ STORAGE TEMPERATURE ------------------------------ -55~ + 150℃
□ MAX POWER DISSIPATION Ta=25℃ ----------------- 250mW
□ MAX VOLTAGE AND CURRENT Ta=25℃
   VCBO COLLECTOR TO BASE VOLTAGE------------- 300V
   VCEO COLLECTOR TO EMITTER VOLTAGE-------- 300V
   VEBO EMITTER TO BASE VOLTAGE------------------ 6.0V
   IC COLLECTOR CURRENT-------------------------------- 500mA




Similar Part No. - FMBTA42

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBTA05 FORMOSA-FMBTA05 Datasheet
151Kb / 9P
Drive NPN Transistor
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
Drive NPN Transistor
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
Formosa MS
FMBTA55 FORMOSA-FMBTA55 Datasheet
496Kb / 9P
Driver Transistor
FMBTA56 FORMOSA-FMBTA56 Datasheet
496Kb / 9P
Driver Transistor
More results


Similar Description - FMBTA42

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE198 NTE-NTE198 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Power Transistor
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com