Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8401 Datasheet (PDF) - Zarlink Semiconductor Inc

SP8401 Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8401
Download  SP8401 Download
File Size   345.92 Kbytes
Page   4 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Very Low Phase Noise 300MHz10/11

SP8401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8401 Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8401
Download  SP8401 Click to download

File Size   345.92 Kbytes
Page   4 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Very Low Phase Noise 300MHz10/11

SP8401 Datasheet (HTML) - Zarlink Semiconductor Inc


SP8401 Product details

Very Low Phase Noise 300MHz ÷ 10/11

The SP8401 is a very low phase noise variable modulus divider. Special circuit techniques have been used to reduce the phase noise considerably below that produced by standard dividers. The modulus control input is CMOS or TTL compatible.
The SP8401 is packaged in a 28 pin plastic SO package to be compatible with the SP8400 and SP8402 devices.

FEATURES
■ Very low Phase Noise (Typically -160dBc/Hz at 1kHz offset)
■ Supply Voltage 5V




Similar Part No. - SP8401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
SP8401KGMPES MITEL-SP8401KGMPES Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
More results


Similar Description - SP8401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
300MHz LOW NOISE AMPLIFIER
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
300MHz Low Noise Amplifiers
June 6, 2006
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
300MHz Low Noise Amplifiers
May 4, 2007
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
Very Low Phase Noise Option
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
300MHz Low Noise Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com