Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR801 Datasheet (PDF) - STMicroelectronics

RHR801 Datasheet PDF - STMicroelectronics
Part # RHR801
Download  RHR801 Download
File Size   1077.4 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard very high-speed comparator

RHR801 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHR801 Datasheet PDF - STMicroelectronics

Part # RHR801
Download  RHR801 Click to download

File Size   1077.4 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard very high-speed comparator

RHR801 Datasheet (HTML) - STMicroelectronics


RHR801 Product details

Description
The RHR801 is a very high-speed single comparator. It is designed to allow very high rise and fall times while drawing a high noise supply rejection. It uses a high-speed complementary BiCMOS process to achieve its very good speed/power ratio and its high tolerance to radiation. The RHR801 is mounted in a hermetic Flat-8 package.

Features
• Propagation time of 7 ns
• Rise/fall time: 1.1 ns on 10 pF
• Low consumption: 1.4 mA
• Single supply: 3 V to 5 V
• 100 krad high-dose rate
• SEL-free up to 120 MeV.cm²/mg
• SET characterized

Applications
• High-speed timing
• High-speed sampling
• Clock recovery
• Clock distribution
• Phase detectors




Similar Part No. - RHR801

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHR15120 FAIRCHILD-RHR15120 Datasheet
347Kb / 5P
15A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHR15120 ISC-RHR15120 Datasheet
295Kb / 2P
Ultrafast Recovery Diode
logo
Intersil Corporation
RHR1K160 INTERSIL-RHR1K160 Datasheet
113Kb / 8P
1A, 600V Hyperfast Diode
January 2000
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
1A, 600V Hyperfast Dual Diode
January 2000
logo
PANDUIT CORP.
RHR2BL-S PANDUIT-RHR2BL-S Datasheet
104Kb / 2P
Thermal Transfer Resin Ribbon
More results


Similar Description - RHR801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
M54HC85 STMICROELECTRONICS-M54HC85_04 Datasheet
302Kb / 10P
RAD HARD 4-BIT MAGNITUDE COMPARATOR
01-Jun-2004
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
Rad-Hard, quad high speed NAND gate
16-Jul-2018
RHRDAC1612 STMICROELECTRONICS-RHRDAC1612 Datasheet
3Mb / 47P
Rad-hard high resolution DAC
06-Nov-2017
logo
Microsemi Corporation
MSR2N2369AUB MICROSEMI-MSR2N2369AUB Datasheet
517Kb / 7P
Rad Hard NPN Silicon High Speed Switching Transistor
Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com