Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1701228 Datasheet (PDF) - PHOENIX CONTACT

1701228 Datasheet PDF - PHOENIX CONTACT
Part # 1701228
Download  1701228 Download
File Size   236.97 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GSMKDS 3/10 - PCB terminal block

1701228 Datasheet (PDF)

Go To PDF Page Download Datasheet
1701228 Datasheet PDF - PHOENIX CONTACT

Part # 1701228
Download  1701228 Click to download

File Size   236.97 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GSMKDS 3/10 - PCB terminal block

1701228 Datasheet (HTML) - PHOENIX CONTACT


1701228 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 630 V, nominal cross section: 2.5
mm2, number of potentials: 10, number of rows: 1, number of positions per row: 10, product
range: GSMKDS 3, pitch: 7.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 55
°, color: green, Pin layout: Linear pinning, Solder pin [P]: 4.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• Larger pitch for increased voltage requirements
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1701228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170122630BB ETC2-170122630BB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
170122J630BB1 CDE-170122J630BB1 Datasheet
409Kb / 3P
Type 170 Axial Leaded Metallized Polypropylene
logo
List of Unclassifed Man...
170122J630BBJ ETC2-170122J630BBJ Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170122K630BB ETC2-170122K630BB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170122M630BB ETC2-170122M630BB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
More results


Similar Description - 1701228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712601 PHOENIX-1712601 Datasheet
57Kb / 5P
PCB terminal block - MKDS 3/10
1731035 PHOENIX-1731035 Datasheet
85Kb / 6P
PCB terminal block - GMKDS 3/ 3
1733020 PHOENIX-1733020 Datasheet
81Kb / 5P
PCB terminal block - GSMKDS 3/ 2
1733729 PHOENIX-1733729 Datasheet
82Kb / 5P
PCB terminal block - GSMKDS 3/ 2-7,62
1733732 PHOENIX-1733732 Datasheet
129Kb / 6P
PCB terminal block - GSMKDS 3/ 3-7,62
1770403 PHOENIX-1770403 Datasheet
122Kb / 6P
PCB terminal block - PLH 16/ 3-10
1770474 PHOENIX-1770474 Datasheet
127Kb / 7P
PCB terminal block - PLH 16/ 3-10-ZF
1718414 PHOENIX-1718414 Datasheet
155Kb / 12P
PCB terminal block - MKDS 3/10-5,08
09/11/2020
1733033 PHOENIX-1733033 Datasheet
346Kb / 9P
PCB terminal block - GSMKDS 3/ 3
1703252 PHOENIX-1703252 Datasheet
232Kb / 8P
MKKDS 3/10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com